Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FSSL006NC Datasheet(PDF) 1 Page - Belden Inc.

Part # FSSL006NC
Description  Loose Tube OS2 6 Fibers OSP Dry Block
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.

FSSL006NC Datasheet(HTML) 1 Page - Belden Inc.

  FSSL006NC Datasheet HTML 1Page - Belden Inc. FSSL006NC Datasheet HTML 2Page - Belden Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Product: FSSL006NC
Loose Tube OS2 6 Fibers OSP Dry Block
Product Description
FX Outdoor Loose Tube OS2 6 Fibers OSP Sub-Units(6F) Dry Black
Technical Specifications
Product Overview
Suitable Applications:
Campus Area Network, Long Haul, Backbone
Fiber Specifications
Fiber Type:
OS2
Fiber Core Diameter:
8.2/125 µm
Fiber Diameter:
250 µm
Fiber Count:
6
Fiber Color Coding:
TIA-598-D
Cable Construction
Number of Active Subunits:
1
Number of Fillers:
4
Fibers Per Subunit:
6
Subunit Waterblocking:
Gel Free
Central Strength Member:
GRP
Cable Core Waterblocking:
Waterblock Tape
Inner Jacket Specifications
Material:
PE - Polyethylene
Outer Jacket Specifications
Strength Member:
Waterblocking Aramid Yarns
Jacket Material:
PE - Polyethylene
Nom. Diameter:
0.40 in (10.2 mm)
Color:
Black
Number of Ripcords:
1
Optical Characteristics
Wavelength
1310 nm
1550 nm
Max. Attenuation
0.40 dB/km 0.30 dB/km
Mode Field Diameter
9.2 µm
10.4 µm
1 Gigabit Ethernet Performance
5,000 m
--
10 Gigabit Ethernet Performance 10,000 m
40,000 m
Mechanical Characteristics
Min. Bend Radius During Installation:
15x Cable OD
Min. Bend Radius During Operation:
10x Cable OD
Max. Tensile Strength During Installation: 2670 N (600 lbf)


Similar Part No. - FSSL006NC

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
FSSL006NF BELDEN-FSSL006NF Datasheet
142Kb / 2P
Outdoor Loose Tube OS2 6 Fibers
11-09-2022
More results

Similar Description - FSSL006NC

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
FS1L006NC BELDEN-FS1L006NC Datasheet
142Kb / 2P
Loose Tube OM1 6 Fibers OSP Dry Block
11-09-2022
FS1L048ND BELDEN-FS1L048ND Datasheet
143Kb / 2P
Loose Tube OM1 48 Fibers OSP Dry Block
11-09-2022
FS1L072ND BELDEN-FS1L072ND Datasheet
142Kb / 2P
Loose Tube OM1 72 Fibers OSP Dry Block
11-09-2022
FS1L144ND BELDEN-FS1L144ND Datasheet
144Kb / 2P
Loose Tube OM1 144 Fibers OSP Dry Block
11-09-2022
FS2L006NC BELDEN-FS2L006NC Datasheet
142Kb / 2P
Loose Tube OM2 6 Fibers OSP Dry Block
11-09-2022
FS2L072ND BELDEN-FS2L072ND Datasheet
142Kb / 2P
Loose Tube OM2 72 Fibers OSP Dry Block
11-09-2022
FS3L006NC BELDEN-FS3L006NC Datasheet
142Kb / 2P
Loose Tube OM3 6 Fibers OSP Dry Block
11-09-2022
FS3L048ND BELDEN-FS3L048ND Datasheet
143Kb / 2P
Loose Tube OM3 48 Fibers OSP Dry Block
11-09-2022
FSSL024ND BELDEN-FSSL024ND Datasheet
139Kb / 2P
Loose Tube OS2 24 Fibers OSP Dry Block
11-09-2022
FSSL072ND BELDEN-FSSL072ND Datasheet
142Kb / 2P
Loose Tube OS2 72 Fibers OSP Dry Block
11-09-2022
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com