Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FSSL036NF Datasheet(PDF) 1 Page - Belden Inc.

Part # FSSL036NF
Description  Outdoor Loose Tube OS2 36 Fibers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.

FSSL036NF Datasheet(HTML) 1 Page - Belden Inc.

  FSSL036NF Datasheet HTML 1Page - Belden Inc. FSSL036NF Datasheet HTML 2Page - Belden Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Product: FSSL036NF
Outdoor Loose Tube OS2 36 Fibers
Product Description
FX Outdoor Loose Tube OS2 36 Fibers OSP Sub-Units(6F) Gel Black
Technical Specifications
Product Overview
Suitable Applications:
Campus Area Network, Long Haul, Backbone
Fiber Specifications
Fiber Type:
OS2
Fiber Core Diameter:
8.2/125 µm
Fiber Diameter:
250 µm
Fiber Count:
36
Fiber Color Coding:
TIA-598-D
Cable Construction
Number of Active Subunits:
6
Fibers Per Subunit:
6
Subunit Waterblocking:
Gel Filled
Subunit Diameter:
0.078 in (2.0 mm)
Central Strength Member:
Upjacketed GRP
Cable Core Waterblocking:
Waterblock Tape
Inner Jacket Specifications
Material:
PE - Polyethylene
Outer Jacket Specifications
Strength Member:
Waterblocking Aramid Yarns
Jacket Material:
PE - Polyethylene
Nom. Diameter:
0.364 in (9.2 mm)
Color:
Black
Number of Ripcords:
1
Optical Characteristics
Wavelength
1310 nm
1550 nm
Max. Attenuation
0.40 dB/km 0.30 dB/km
Mode Field Diameter
9.2 µm
10.4 µm
1 Gigabit Ethernet Performance
5,000 m
--
10 Gigabit Ethernet Performance 10,000 m
40,000 m
Mechanical Characteristics
Min. Bend Radius During Installation:
15x Cable OD
Min. Bend Radius During Operation:
10x Cable OD
Max. Tensile Strength During Installation: 2670 N (600 lbf)


Similar Part No. - FSSL036NF

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
FSSL0366F BELDEN-FSSL0366F Datasheet
141Kb / 2P
Loose Tube OS2 36F OSP Armor Unitized(6F) Gel
11-09-2022
More results

Similar Description - FSSL036NF

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
GCAD836 BELDEN-GCAD836 Datasheet
154Kb / 2P
Indoor/Outdoor Loose Tube 36 Fibers G652D/G657A1-OS2
12-19-2022
FS2L036NG BELDEN-FS2L036NG Datasheet
141Kb / 2P
Outdoor Loose Tube OM2 36 Fibers
11-09-2022
FS3L036NF BELDEN-FS3L036NF Datasheet
140Kb / 2P
Outdoor Loose Tube OM3 36 Fibers
11-09-2022
FSSH0366G BELDEN-FSSH0366G Datasheet
141Kb / 2P
Outdoor Heavy Duty Loose Tube OS2 36 Fibers
11-09-2022
FSSL006NF BELDEN-FSSL006NF Datasheet
142Kb / 2P
Outdoor Loose Tube OS2 6 Fibers
11-09-2022
FSSL0126F BELDEN-FSSL0126F Datasheet
139Kb / 2P
Outdoor Loose Tube OS2 12 Fibers
04-08-2022
FSSL012NF BELDEN-FSSL012NF Datasheet
139Kb / 2P
Outdoor Loose Tube OS2 12 Fibers
04-08-2022
FSSL012NG BELDEN-FSSL012NG Datasheet
140Kb / 2P
Outdoor Loose Tube OS2 12 Fibers
11-09-2022
FSSL0246F BELDEN-FSSL0246F Datasheet
139Kb / 2P
Outdoor Loose Tube OS2 24 Fibers
04-08-2022
FSSL024NG BELDEN-FSSL024NG Datasheet
139Kb / 2P
Outdoor Loose Tube OS2 24 Fibers
11-09-2022
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com