Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX9750CEUI Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX9750CEUI
Description  2.6W Stereo Audio Power Amplifiers and DirectDrive Headphone Amplifiers
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9750CEUI Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX9750CEUI Datasheet HTML 1Page - Maxim Integrated Products MAX9750CEUI Datasheet HTML 2Page - Maxim Integrated Products MAX9750CEUI Datasheet HTML 3Page - Maxim Integrated Products MAX9750CEUI Datasheet HTML 4Page - Maxim Integrated Products MAX9750CEUI Datasheet HTML 5Page - Maxim Integrated Products MAX9750CEUI Datasheet HTML 6Page - Maxim Integrated Products MAX9750CEUI Datasheet HTML 7Page - Maxim Integrated Products MAX9750CEUI Datasheet HTML 8Page - Maxim Integrated Products MAX9750CEUI Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 30 page
background image
2.6W Stereo Audio Power Amplifiers and
DirectDrive Headphone Amplifiers
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
Supply Voltage (VDD, PVDD, HPVDD, CPVDD to GND)..........+6V
GND to PGND.....................................................................±0.3V
CPVSS, C1N, VSS to GND .........................-6.0V to (GND + 0.3V)
HPOUT_ to GND ....................................................................±3V
Any Other Pin .............................................-0.3V to (VDD + 0.3V)
Duration of OUT_ Short Circuit to GND or PVDD........Continuous
Duration of OUT_+ Short Circuit to OUT_- .................Continuous
Duration of HPOUT_ Short Circuit to GND,
VSS or HPVDD.........................................................Continuous
Continuous Current (PVDD, OUT_, PGND) ...........................1.7A
Continuous Current (CPVDD, C1N, C1P, CPVSS, VSS, HPVDD,
HPOUT_) .......................................................................850mA
Continuous Input Current (All Other Pins) ........................±20mA
Continuous Power Dissipation (TA = +70°C)
28-Pin Thin QFN (derate 20.8mW/°C above +70°C) ..1667mW
28-Pin TSSOP-EP (derate 23.8mW/°C above +70°C).1904mW
Junction Temperature ......................................................+150°C
Operating Temperature Range ...........................-40°C to +85°C
Storage Temperature Range .............................-65°C to +150°C
Lead Temperature (soldering, 10s) .................................+300°C
ELECTRICAL CHARACTERISTICS
(VDD = PVDD = CPVDD = HPVDD = 5V, GND = PGND = CPGND = 0V, SHDN = VDD, CBIAS = 1µF, C1 = C2 = 1µF, speaker load ter-
minated between OUT_+ and OUT_-, headphone load terminated between HPOUT_ and GND, MAX9750: GAIN1 = GAIN2 = VOL =
RL = 33k
Ω = GND, MAX9751/MAX9755: GAIN = VDD = IN1/2 = GND, TA = TMIN to TMAX, unless otherwise noted. Typical values are
at TA = +25°C.) (Note 1)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
GENERAL
Supply Voltage Range
VDD, PVDD
Inferred from PSRR test
4.5
5.5
V
Headphone Supply Voltage
CPVDD,
HPVDD
Inferred from PSRR test
3
5.5
V
HPS = GND, speaker mode, RL =
∞
14
29
Quiescent Supply Current
IDD
HPS = VDD, headphone mode, RL =
∞
713
mA
Shutdown Supply Current
ISHDN
SHDN = GND
0.2
5
µA
Bias Voltage
VBIAS
1.7
1.8
1.9
V
Switching Time
tSW
Gain or input switching
10
µs
Input Resistance
RIN
Amplifier inputs (Note 2)
10
20
30
k
Ω
Turn-On Time
tSON
25
ms
SPEAKER AMPLIFIER (HPS = GND)
Output Offset Voltage
VOS
Measured between OUT_+ - OUT_-
±0.4
±6mV
PVDD or VDD = 4.5V to 5.5V (TA = +25°C)
75
90
f = 1kHz, VRIPPLE = 200mVP-P
80
Power-Supply Rejection Ratio
(Note 3)
PSRR
f = 10kHz, VRIPPLE = 200mVP-P
55
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com