Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LDO-512 Datasheet(PDF) 1 Page - STMicroelectronics

Part # LDO-512
Description  Ultra Low Noise, High PSRR, Low Power, 30mA Very Low Dropout Voltage Regulators
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LDO-512 Datasheet(HTML) 1 Page - STMicroelectronics

  LDO-512 Datasheet HTML 1Page - STMicroelectronics LDO-512 Datasheet HTML 2Page - STMicroelectronics LDO-512 Datasheet HTML 3Page - STMicroelectronics LDO-512 Datasheet HTML 4Page - STMicroelectronics LDO-512 Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
1/6
June 2002
s RF REGULATOR
s VERY LOW DROPOUT VOLTAGE : 30mV
s ULTRA LOW OUTPUT VOLTAGE NOISE
s HIGH PSRR : 70dB
s LOW STAND-BY CURRENT : 20µA
s LOW QUIESCENT CURRENT : 150µA FULL
LOAD
s NO CURRENT IN POWER DOWN MODE
s SHORT CIRCUIT PROTECTION
s SMALL DECOUPLING CERAMIC CAPACITOR
s BIPOLAR INPUT STAGE
TYPICAL APPLICATIONS
– Cellular and Cordless phones supplied by 1 cell
Lithium-ion battery / 3 cells Ni-MH or Ni-Cd
battery
– PDA (Personal Digital Assistant)
– Smart phone
– Portable equipment
– Supply for RF devices for cellular phone
APPLICATION NOTE
An external capacitor (COUT = 1µF) with an
equivalent serial resistance (ESR) in the range
0.02 to 0.6
Ω is used for regulator stability.
Figure 1 : Block Diagram
?
VREF
?
?
?
LDO_512
OUT
IN
PWRDWN
STDBY
Figure 2 : Typical Application Circuit
1
µF
ESR
VOUT
COUT
?
?
OUT
GND
?
?
?
VIN
IN
PWRDWN
Power Down Mode
OFF
ON
Stand-by Mode
STDBY
Active Mode
LDO_512
→
→
Stand-by Mode
→
→
LDO_512
IP Library: Ultra Low Noise, High PSRR, Low Power,
30mA Very Low Dropout Voltage Regulators
This is advance information on a new product now in development or undergoing evaluation. Details are subject to change without notice.
PRODUCT PREVIEW


Similar Part No. - LDO-512

ManufacturerPart #DatasheetDescription
logo
Artesyn Technologies
LDO03C ARTESYN-LDO03C Datasheet
833Kb / 21P
Single Output C Class Non-Isolated DC/DC Converter
logo
Emerson Network Power
LDO03C EMERSON-NETWORKPOWER-LDO03C Datasheet
120Kb / 4P
LDO03C Series
logo
Advanced Energy Industr...
LDO03C ADVANCEDENERGY-LDO03C Datasheet
419Kb / 6P
15 Watts
logo
Artesyn Technologies
LDO03C-005W05-HJ ARTESYN-LDO03C-005W05-HJ Datasheet
833Kb / 21P
Single Output C Class Non-Isolated DC/DC Converter
logo
Emerson Network Power
LDO03C-005W05-HJ EMERSON-NETWORKPOWER-LDO03C-005W05-HJ Datasheet
120Kb / 4P
LDO03C Series
More results

Similar Description - LDO-512

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LDO512 STMICROELECTRONICS-LDO512 Datasheet
269Kb / 6P
IP Library: Ultra Low Noise, High PSRR, Low Power, 30mA Very Low Dropout Voltage Regulators
Jun-2002
logo
Maxim Integrated Produc...
MAX8510 MAXIM-MAX8510 Datasheet
377Kb / 10P
Ultra-Low-Noise, High PSRR, Low-Dropout,120mA Linear Regulators in SC70
Rev 1; 6/04
MAX8510 MAXIM-MAX8510_06 Datasheet
403Kb / 11P
Ultra-Low-Noise, High PSRR, Low-Dropout, 120mA Linear Regulators
Rev 3; 5/06
logo
ams AG
AS1358 AMSCO-AS1358 Datasheet
82Kb / 2P
150mA/300mA, Ultra-Low-Noise, High-PSRR Low Dropout Regulators
logo
SeCoS Halbleitertechnol...
SEMP8965 SECOS-SEMP8965 Datasheet
652Kb / 11P
Fast Ultra High-PSRR, Low Noise, Low-Dropout
logo
ams AG
AS1358 AMSCO-AS1358_1 Datasheet
715Kb / 14P
150mA/300mA, Ultra-Low-Noise, High-PSRR Low Dropout Regulators
AS1374 AMSCO-AS1374 Datasheet
2Mb / 14P
200mA, Ultra-Low-Noise, High-PSRR, Dual Low Dropout Regulators
logo
Maxim Integrated Produc...
MAX8510EXK18-T MAXIM-MAX8510EXK18-T Datasheet
449Kb / 10P
Ultra-Low-Noise, High PSRR, Low-Dropout, 120mA Linear Regulators
Rev 4; 8/11
logo
ams AG
AS1358 AMSCO-AS1358_04 Datasheet
1Mb / 17P
150mA/300mA, Ultra-Low-Noise, High-PSRR Low Dropout Regulators
AS1374 AMSCO-AS1374_04 Datasheet
1Mb / 19P
Dual 200mA, Low-Noise, High-PSRR, Low Dropout Regulators
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com