Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M29W400DT Datasheet(PDF) 1 Page - STMicroelectronics

Part # M29W400DT
Description  4 Mbit (512Kb x8 or 256Kb x16, Boot Block) 3V Supply Flash Memory
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M29W400DT Datasheet(HTML) 1 Page - STMicroelectronics

  M29W400DT Datasheet HTML 1Page - STMicroelectronics M29W400DT Datasheet HTML 2Page - STMicroelectronics M29W400DT Datasheet HTML 3Page - STMicroelectronics M29W400DT Datasheet HTML 4Page - STMicroelectronics M29W400DT Datasheet HTML 5Page - STMicroelectronics M29W400DT Datasheet HTML 6Page - STMicroelectronics M29W400DT Datasheet HTML 7Page - STMicroelectronics M29W400DT Datasheet HTML 8Page - STMicroelectronics M29W400DT Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 38 page
background image
1/38
June 2004
M29W400DT
M29W400DB
4 Mbit (512Kb x8 or 256Kb x16, Boot Block)
3V Supply Flash Memory
FEATURES SUMMARY
■
SUPPLY VOLTAGE
–VCC = 2.7V to 3.6V for Program, Erase
and Read
■
ACCESS TIME: 45, 55, 70ns
■
PROGRAMMING TIME
–
10µs per Byte/Word typical
■
11 MEMORY BLOCKS
–
1 Boot Block (Top or Bottom Location)
–
2 Parameter and 8 Main Blocks
■
PROGRAM/ERASE CONTROLLER
–
Embedded Byte/Word Program
algorithms
■
ERASE SUSPEND and RESUME MODES
–
Read and Program another Block during
Erase Suspend
■
UNLOCK BYPASS PROGRAM COMMAND
–
Faster Production/Batch Programming
■
TEMPORARY BLOCK UNPROTECTION
MODE
■
LOW POWER CONSUMPTION
–
Standby and Automatic Standby
■
100,000 PROGRAM/ERASE CYCLES per
BLOCK
■
ELECTRONIC SIGNATURE
–
Manufacturer Code: 0020h
–
Top Device Code M29W400DT: 00EEh
–
Bottom Device Code M29W400D: 00EFh
■
PACKAGES
–
Compliant with Lead-Free Soldering
Processes
–
Lead-Free Versions
Figure 1. Packages
TFBGA48 (ZA)
6 x 9mm
FBGA
SO44 (M)
TFBGA48 (ZE)
6 x 8mm
TSOP48 (N)
12 x 20mm
FBGA


Similar Part No. - M29W400DT

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M29W400DT STMICROELECTRONICS-M29W400DT Datasheet
449Kb / 48P
4 Mbit (512 Kb x 8 or 256 Kb x 16, boot block) 3 V supply Flash memory
07-Aug-2007
logo
Numonyx B.V
M29W400DT NUMONYX-M29W400DT Datasheet
1Mb / 48P
4 Mbit (512 Kb x 8 or 256 Kb x 16, boot block) 3 V supply Flash memory
logo
STMicroelectronics
M29W400DT45M1 STMICROELECTRONICS-M29W400DT45M1 Datasheet
449Kb / 48P
4 Mbit (512 Kb x 8 or 256 Kb x 16, boot block) 3 V supply Flash memory
07-Aug-2007
logo
Numonyx B.V
M29W400DT45M1 NUMONYX-M29W400DT45M1 Datasheet
1Mb / 48P
4 Mbit (512 Kb x 8 or 256 Kb x 16, boot block) 3 V supply Flash memory
logo
STMicroelectronics
M29W400DT45M1E STMICROELECTRONICS-M29W400DT45M1E Datasheet
449Kb / 48P
4 Mbit (512 Kb x 8 or 256 Kb x 16, boot block) 3 V supply Flash memory
07-Aug-2007
More results

Similar Description - M29W400DT

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M28W800BT STMICROELECTRONICS-M28W800BT Datasheet
289Kb / 42P
8 Mbit 512Kb x16, Boot Block 3V Supply Flash Memory
16-May-2002
M29F400BT STMICROELECTRONICS-M29F400BT Datasheet
208Kb / 22P
4 Mbit 512Kb x8 or 256Kb x16, Boot Block Single Supply Flash Memory
28-Jul-2000
M29F400T STMICROELECTRONICS-M29F400T Datasheet
231Kb / 34P
4 Mbit 512Kb x8 or 256Kb x16, Boot Block Single Supply Flash Memory
Nov-1999
M29W400BT STMICROELECTRONICS-M29W400BT Datasheet
146Kb / 22P
4 Mbit 512Kb x8 or 256Kb x16, Boot Block Low Voltage Single Supply Flash Memory
18-Apr-2000
M29W400T STMICROELECTRONICS-M29W400T Datasheet
245Kb / 34P
4 Mbit 512Kb x8 or 256Kb x16, Boot Block Low Voltage Single Supply Flash Memory
Nov-1999
M29W400BB STMICROELECTRONICS-M29W400BB Datasheet
248Kb / 25P
4 Mbit (512Kb x8 or 256Kb x16, Boot Block) Low Voltage Single Supply Flash Memory
Jun-2001
M29W800DT STMICROELECTRONICS-M29W800DT Datasheet
313Kb / 42P
8 Mbit (1Mb x8 or 512Kb x16, Boot Block) 3V Supply Flash Memory
16-Sep-2004
M29F400BT STMICROELECTRONICS-M29F400BT_06 Datasheet
318Kb / 40P
4 Mbit (512Kb x8 or 256Kb x16, Boot Block) single supply Flash memory
12-Dec-2006
M29W800DT70N6 STMICROELECTRONICS-M29W800DT70N6 Datasheet
651Kb / 41P
8 Mbit (1Mb x8 or 512Kb x16, Boot Block) 3V Supply Flash Memory
23-Apr-2004
M29W800DT70N1 STMICROELECTRONICS-M29W800DT70N1 Datasheet
651Kb / 41P
8 Mbit (1Mb x8 or 512Kb x16, Boot Block) 3V Supply Flash Memory
23-Apr-2004
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com