Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MRF9080LR3 Datasheet(PDF) 2 Page - Freescale Semiconductor, Inc

Part # MRF9080LR3
Description  RF Power Field Effect Transistors(N−Channel Enhancement−Mode Lateral MOSFETs)
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MRF9080LR3 Datasheet(HTML) 2 Page - Freescale Semiconductor, Inc

  MRF9080LR3 Datasheet HTML 1Page - Freescale Semiconductor, Inc MRF9080LR3 Datasheet HTML 2Page - Freescale Semiconductor, Inc MRF9080LR3 Datasheet HTML 3Page - Freescale Semiconductor, Inc MRF9080LR3 Datasheet HTML 4Page - Freescale Semiconductor, Inc MRF9080LR3 Datasheet HTML 5Page - Freescale Semiconductor, Inc MRF9080LR3 Datasheet HTML 6Page - Freescale Semiconductor, Inc MRF9080LR3 Datasheet HTML 7Page - Freescale Semiconductor, Inc MRF9080LR3 Datasheet HTML 8Page - Freescale Semiconductor, Inc MRF9080LR3 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
5−2
Freescale Semiconductor
Wireless RF Product Device Data
MRF9080LR3 MRF9080LSR3
Table 4. Electrical Characteristics (TC = 25°C unless otherwise noted)
Characteristic
Symbol
Min
Typ
Max
Unit
Off Characteristics
Zero Gate Voltage Drain Leakage Current
(VDS = 65 Vdc, VGS = 0)
IDSS
—
—
10
µAdc
Zero Gate Voltage Drain Leakage Current
(VDS = 26 Vds, VGS = 0)
IDSS
—
—
1
µAdc
Gate−Source Leakage Current
(VGS = 5 Vdc, VDS = 0 )
IGSS
—
—
1
µAdc
On Characteristics
Gate Threshold Voltage
(VDS = 10 Vdc, ID = 300 µAdc)
VGS(th)
2.0
—
4.0
Vdc
Gate Quiescent Voltage
(VDS = 26 Vdc, ID = 700 mAdc)
VGS(Q)
—
3.7
—
Vdc
Drain−Source On−Voltage
(VGS = 10 Vdc, ID = 2 Adc)
VDS(on)
—
0.19
0.4
Vdc
Forward Transconductance
(VDS = 10 Vdc, ID = 6 Adc)
gfs
—
8.0
—
S
Dynamic Characteristics (1)
Output Capacitance
(VDS = 26 Vdc, VGS = 0, f = 1 MHz)
Coss
—
73
—
pF
Reverse Transfer Capacitance
(VDS = 26 Vdc, VGS = 0, f = 1 MHz)
Crss
—
2.9
—
pF
Functional Tests (In Freescale Test Fixture, 50 ohm system) (2)
Power Output, 1 dB Compression Point
(VDD = 26 Vdc, IDQ = 600 mA, f = 921 and 960 MHz)
P1dB
68
75
—
W
Common−Source Amplifier Power Gain @ 70 W (Min)
(VDD = 26 Vdc, IDQ = 600 mA, f = 921 and 960 MHz)
Gps
17
18.5
20
dB
Drain Efficiency @ Pout = 70 W
(VDD = 26 Vdc, IDQ = 600 mA, f = 921 and 960 MHz)
η1
47
52
—
%
Drain Efficiency @ P1dB
(VDD = 26 Vdc, IDQ = 600 mA, f = 921 and 960 MHz)
η2
—
55
—
%
Input Return Loss
(VDD = 26 Vdc, Pout = 70 W, IDQ = 600 mA, f = 921 and 960 MHz)
IRL
9.5
12.5
—
dB
Output Mismatch Stress
(VDD = 26 Vdc, Pout = 90 W CW, IDQ = 600 mA,
f = 921 MHz, VSWR = 5:1, All Phase Angles at Frequency of Tests)
Ψ
No Degradation In Output Power
Before and After Test
1. Part is internally input matched.
2. To meet application requirements, Freescale test fixtures are designed to cover full GSM 900 band ensuring batch to batch consistency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com