Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MRF9080LSR3 Datasheet(PDF) 5 Page - Freescale Semiconductor, Inc

Part # MRF9080LSR3
Description  RF Power Field Effect Transistors(N−Channel Enhancement−Mode Lateral MOSFETs)
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MRF9080LSR3 Datasheet(HTML) 5 Page - Freescale Semiconductor, Inc

  MRF9080LSR3 Datasheet HTML 1Page - Freescale Semiconductor, Inc MRF9080LSR3 Datasheet HTML 2Page - Freescale Semiconductor, Inc MRF9080LSR3 Datasheet HTML 3Page - Freescale Semiconductor, Inc MRF9080LSR3 Datasheet HTML 4Page - Freescale Semiconductor, Inc MRF9080LSR3 Datasheet HTML 5Page - Freescale Semiconductor, Inc MRF9080LSR3 Datasheet HTML 6Page - Freescale Semiconductor, Inc MRF9080LSR3 Datasheet HTML 7Page - Freescale Semiconductor, Inc MRF9080LSR3 Datasheet HTML 8Page - Freescale Semiconductor, Inc MRF9080LSR3 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
MRF9080LR3 MRF9080LSR3
5−5
Freescale Semiconductor
Wireless RF Product Device Data
Figure 3. Broadband GSM 900 Optimized Demo Board Schematic
VGG
VDD
C6
+
RF
INPUT
U1
R1
C5
R2
P1
R3
R4
T1
C4
+
C3
C9
+
C2
C1
C8
C7
DUT
R5
R6
C11
C12
RF
OUTPUT
C15
C10
C13
C14
Table 6. Broadband GSM 900 Optimized Demo Board Component Designations and Values
Part
Description
Part Number
Manufacturer
C1
4.7 pF Chip Capacitor, ACCU−P (0805)
#08051J3R9CBT
AVX
C2
3.9 pF Chip Capacitor, ACCU−P (0805)
#08051J3R9CBT
AVX
C3, C15
22 pF Chip Capacitors, ACCU−P (0805)
#08051J221
AVX
C4, C6
22 mF, 35 V Tantalum Chip Capacitors
#T491X226K035AS4394
Kemet
C5
1.0 mF Chip Capacitor, ACCU−P (0805)
#08053G105ZATEA
AVX
C7, C8
5.6 pF Chip Capacitors, ACCU−P (0805)
#08051J5R18CBT
AVX
C9
220 mF, 63 V Electrolytic Capacitor
C10, C11
3.3 pF Chip Capacitors, ACCU−P (0805)
#08051J8R2CBT
AVX
C12, C13
2.2 pF Chip Capacitors, ACCU−P (0805)
#08051J2R2CBT
AVX
C14
4.7 pF Chip Capacitor
#100B
ATC
P1
5.0 kΩ Potentiometer CMS Cermet Multi−turn
#3224W
Bourns
R1
10 Ω, 1/8 W Chip Resistor (0805)
R2
1.0 kΩ, 1/8 W Chip Resistor (0805)
R3
1.2 kΩ, 1/8 W Chip Resistor (0805)
R4
2.2 kΩ, 1/8 W Chip Resistor (0805)
R5, R6
1.0 kΩ, 1/8 W Chip Resistors (0805)
T1
Bipolar NPN Transistor, SOT−23
#BC847ALT1
ON Semiconductor
U1
Voltage Regulator, Micro−8
#LP2951ACDM−5.0R2
ON Semiconductor
RF Connectors, Type SMA
#R125510001
Radial
Substrate = Taconic RF35, Thickness 0.5 mm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com