Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74LVC126AD Datasheet(PDF) 3 Page - NXP Semiconductors

Part # 74LVC126AD
Description  Quad buffer/line driver with 5 Volt tolerant input/outputs; 3-state
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74LVC126AD Datasheet(HTML) 3 Page - NXP Semiconductors

  74LVC126AD Datasheet HTML 1Page - NXP Semiconductors 74LVC126AD Datasheet HTML 2Page - NXP Semiconductors 74LVC126AD Datasheet HTML 3Page - NXP Semiconductors 74LVC126AD Datasheet HTML 4Page - NXP Semiconductors 74LVC126AD Datasheet HTML 5Page - NXP Semiconductors 74LVC126AD Datasheet HTML 6Page - NXP Semiconductors 74LVC126AD Datasheet HTML 7Page - NXP Semiconductors 74LVC126AD Datasheet HTML 8Page - NXP Semiconductors 74LVC126AD Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
2003 Feb 28
3
Philips Semiconductors
Product specification
Quad buffer/line driver with 5 Volt
tolerant input/outputs; 3-state
74LVC126A
FUNCTION TABLE
See note 1.
Note
1. H = HIGH voltage level;
L = LOW voltage level;
X = don’t care;
Z = high-impedance OFF-state.
PINNING
INPUT
OUTPUT
nOE
nA
nY
HL
L
HHH
LX
Z
PIN
SYMBOL
DESCRIPTION
1
1OE
data enable input (active HIGH)
2
1A
data input
3
1Y
data output
4
2OE
data enable input (active HIGH)
5
2A
data input
6
2Y
data output
7
GND
ground (0 V)
8
3Y
data output
9
3A
data input
10
3OE
data enable input (active HIGH)
11
4Y
data output
12
4A
data input
13
4OE
data enable input (active HIGH)
14
VCC
supply voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com