Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SLF10145 Datasheet(PDF) 2 Page - TDK Electronics

Part # SLF10145
Description  Inductors For Power Line SMD
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

SLF10145 Datasheet(HTML) 2 Page - TDK Electronics

  SLF10145 Datasheet HTML 1Page - TDK Electronics SLF10145 Datasheet HTML 2Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
531_SLF12575
990803
Specifications which provide more details for the proper and safe use of the described product are available upon request.
All specifications are subject to change without notice.
531_SLF12575
(2/2)
Inductors
SLF Series SLF12575 Type
For Power Line
SMD
SHAPES AND DIMENSIONS/RECOMMENDED PC BOARD PATTERN
ELECTRICAL CHARACTERISTICS
∗ Rated current: Value obtained when current flows and the temperature has risen to 40°C or when DC current flows and the initial value of inductance has
fallen by 10%, whichever is smaller.
• Test equipment
L:YHP 4194A IMPEDANCE GAIN/PHASE ANALYZER, or equivalent (Measured at 1kHz/0.5V)
Rdc:MATSUSHITA VP-2941A DIGITAL MILLIOHM METER, or equivalent
TYPICAL ELECTRICAL CHARACTERISTICS
INDUCTANCE CHANGE vs. DC SUPERPOSITION
CHARACTERISTICS
Inductance
(µH)
Inductance
tolerance (%)
Test frequency
L (kHz)
DC resistance
(
Ω)±20%
Rated current (A)∗ max.
Part No.
Based on
inductance change
Based on
temperature rise
1.2
±30
1
0.0069
13
8.2
SLF12575T-1R2N8R2
2.7
±30
1
0.0094
10
7
SLF12575T-2R7N7R0
3.9
±30
1
0.0104
9
6.7
SLF12575T-3R9N6R7
5.6
±30
1
0.0116
7.8
6.3
SLF12575T-5R6N6R3
6.8
±30
1
0.0131
7.2
5.9
SLF12575T-6R8N5R9
10
±20
1
0.0156
5.5
5.4
SLF12575T-100M5R4
15
±20
1
0.0184
4.7
5
SLF12575T-150M4R7
22
±20
1
0.0263
4
4
SLF12575T-220M4R0
33
±20
1
0.0395
3.2
3.4
SLF12575T-330M3R2
47
±20
1
0.0528
2.7
3
SLF12575T-470M2R7
68
±20
1
0.0778
2
2.4
SLF12575T-680M2R0
100
±20
1
0.125
1.9
1.9
SLF12575T-101M1R9
150
±20
1
0.175
1.5
1.6
SLF12575T-151M1R5
220
±20
1
0.258
1.3
1.3
SLF12575T-221M1R3
12.5±0.3
Winding start mark
Marking
(Inductance code)
3±0.1
Weight: 3.3g
Dimensions in mm
7.5±0.35
0.1typ.
3.2
DC current(A)
0.01
3
1
100
1000
300
30
10
10000
3000
0.1
0.3
0.03
3
110
6.8
µH
22
µH
47
µH
100
µH
10
µH
A
L=0.1H C=20000
µF
Specimen
Test circuit
YHP model-4275A or equivalent
DC



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com