Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

X0402ME Datasheet(PDF) 1 Page - STMicroelectronics

Part # X0402ME
Description  SENSITINE GATE SCR
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

X0402ME Datasheet(HTML) 1 Page - STMicroelectronics

  X0402ME Datasheet HTML 1Page - STMicroelectronics X0402ME Datasheet HTML 2Page - STMicroelectronics X0402ME Datasheet HTML 3Page - STMicroelectronics X0402ME Datasheet HTML 4Page - STMicroelectronics X0402ME Datasheet HTML 5Page - STMicroelectronics X0402ME Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image


Similar Part No. - X0402ME

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
X0402MB STMICROELECTRONICS-X0402MB Datasheet
697Kb / 11P
4 A Sensitive gate SCR in DPAK package
06-Sep-2022
X0402MF STMICROELECTRONICS-X0402MF Datasheet
194Kb / 4P
SENSITIVE GATE SCR
X0402MF STMICROELECTRONICS-X0402MF Datasheet
205Kb / 5P
4A SCRS
Sep-2000
logo
Inchange Semiconductor ...
X0402MF ISC-X0402MF Datasheet
123Kb / 1P
Thyristors
logo
New Jersey Semi-Conduct...
X0402MF NJSEMI-X0402MF Datasheet
82Kb / 1P
Highly sensitive triggering levels
More results

Similar Description - X0402ME

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
P01XXXA STMICROELECTRONICS-P01XXXA Datasheet
196Kb / 5P
SENSITIVE GATE SCR
Jan 1995
X04XXXF STMICROELECTRONICS-X04XXXF Datasheet
194Kb / 4P
SENSITIVE GATE SCR
S0802XH STMICROELECTRONICS-S0802XH Datasheet
317Kb / 5P
SENSITIVE GATE SCR
Jan-1995
TS120F STMICROELECTRONICS-TS120F Datasheet
201Kb / 5P
SENSITIVE GATE SCR
logo
List of Unclassifed Man...
FS0102BA ETC2-FS0102BA Datasheet
142Kb / 4P
SENSITIVE GATE SCR
logo
STMicroelectronics
X0203MA2BL2 STMICROELECTRONICS-X0203MA2BL2 Datasheet
62Kb / 5P
SENSITIVE GATE SCR
Jan-1995
X0203MA5BL2 STMICROELECTRONICS-X0203MA5BL2 Datasheet
62Kb / 5P
SENSITIVE GATE SCR
Jan-1995
X0203NA1BA2 STMICROELECTRONICS-X0203NA1BA2 Datasheet
62Kb / 5P
SENSITIVE GATE SCR
Jan-1995
X0402NE1AA2 STMICROELECTRONICS-X0402NE1AA2 Datasheet
386Kb / 6P
SENSITIVE GATE SCR
S0402XH STMICROELECTRONICS-S0402XH Datasheet
60Kb / 5P
SENSITIVE GATE SCR
Jan-1995
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com