Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M29W400DT70M1E Datasheet(PDF) 9 Page - STMicroelectronics

Part # M29W400DT70M1E
Description  4 Mbit (512Kb x8 or 256Kb x16, Boot Block) 3V Supply Flash Memory
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M29W400DT70M1E Datasheet(HTML) 9 Page - STMicroelectronics

Back Button M29W400DT70M1E Datasheet HTML 5Page - STMicroelectronics M29W400DT70M1E Datasheet HTML 6Page - STMicroelectronics M29W400DT70M1E Datasheet HTML 7Page - STMicroelectronics M29W400DT70M1E Datasheet HTML 8Page - STMicroelectronics M29W400DT70M1E Datasheet HTML 9Page - STMicroelectronics M29W400DT70M1E Datasheet HTML 10Page - STMicroelectronics M29W400DT70M1E Datasheet HTML 11Page - STMicroelectronics M29W400DT70M1E Datasheet HTML 12Page - STMicroelectronics M29W400DT70M1E Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 38 page
background image
9/38
M29W400DT, M29W400DB
Figure 7. Block Addresses (x16)
Note: Also see Appendix A, Tables 21 and 22 for a full listing of the Block Addresses.
AI06858
8 KWord
3FFFFh
3E000h
32 KWord
0FFFFh
08000h
32 KWord
07FFFh
00000h
M29W400DT
Top Boot Block Addresses (x16)
16 KWord
3BFFFh
38000h
32 KWord
30000h
37FFFh
Total of 7
32 KWord Blocks
8 KWord
3FFFFh
38000h
32 KWord
32 KWord
01FFFh
00000h
M29W400DB
Bottom Boot Block Addresses (x16)
16 KWord
37FFFh
0FFFFh
32 KWord
30000h
08000h
Total of 7
32 KWord Blocks
07FFFh
04000h
4 KWord
4 KWord
3DFFFh
3D000h
3CFFFh
3C000h
4 KWord
4 KWord
03FFFh
03000h
02FFFh
02000h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com