Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

3B40 Datasheet(PDF) 2 Page - Analog Devices

Part # 3B40
Description  Isolated Wideband Voltage Input
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

3B40 Datasheet(HTML) 2 Page - Analog Devices

  3B40 Datasheet HTML 1Page - Analog Devices 3B40 Datasheet HTML 2Page - Analog Devices 3B40 Datasheet HTML 3Page - Analog Devices 3B40 Datasheet HTML 4Page - Analog Devices 3B40 Datasheet HTML 5Page - Analog Devices 3B40 Datasheet HTML 6Page - Analog Devices 3B40 Datasheet HTML 7Page - Analog Devices 3B40 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
3B40 / 3B41
Rev. 0 | Page 2 of 8
GENERAL DESCRIPTION
The 3B40 and 3B41 are wide-bandwidth (10kHz) single-
channel signal conditioning modules which amplify, isolate,
filter and protect analog input voltages and provide
simultaneous precision voltage and current outputs. Each
module performs complete signal conditioning, including
isolating (+1500 V peak input-to-output and power) and
protecting their computer side outputs from damage and loss of
signal integrity, and shielding their inputs from damage from
field-side over-voltage faults up to 220 V rms. The current
output withstands 130V rms without damage and interfaces
user equipment through screw terminals located on the 3B
Series backplane. Each plug-in, mix-and-match, hot-swappable
module is easily field calibrated via front-panel zero and span
adjustments for both voltage and current outputs.
3B Series Custom-Ranging Program – Externally-
programmable versions, Models 3B40-00 and 3B41-00, enable
the user to configure a special input range by using the optional
plug-on AC1310 ranging card, which houses user-supplied
resistors to determine zero and span. To facilitate selecting
resistors, a Windows program, 3B-CUSTOM, calculates resistor
values based on the user-desired input/output ranges.
A chopper-stabilized low-drift (+1uV/oC) input amplifier
assures long-term stability. At the amplifier input, a stable, zero-
scale input voltage is subtracted from the input signal to set the
zero-scale value. Zero suppression can exceed 100% of the input
range. This is ideal for expanded-scale applications requiring
high-resolution measurement of a selected portion of an input
signal. For user convenience, the zero and span can be factory
configured to meet custom range needs (Models 3B40-
CUSTOM and 3B41-CUSTOM) or can be externally
programmed (Models 3B40-00 and 3B41-00) via user supplied
resistors inserted in the optional AC1310 plug-on ranging card.
Internal low-pass filtering with a 10 kHz cutoff (-3dB) is
determined by a two-pole Butterworth filter.
Signal isolation is accomplished by transformer coupling with a
proprietary modulation technique for linear, stable and reliable
performance. The differential input circuit on the field side is
fully floating, eliminating the need for any input grounding. A
demodulator on the computer side of the signal transformer
recovers the original signal, which is then filtered and buffered
to provide a low-noise, low-impedance output voltage: this
output also drives a voltage-to-current (V/I) converter to
provide a simultaneous current output for interfacing versatility.
.
.
Figure 2



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com