Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74HC4046 Datasheet(PDF) 13 Page - NXP Semiconductors

Part # 74HC4046
Description  Phase-locked-loop with VCO
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74HC4046 Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button 74HC4046 Datasheet HTML 9Page - NXP Semiconductors 74HC4046 Datasheet HTML 10Page - NXP Semiconductors 74HC4046 Datasheet HTML 11Page - NXP Semiconductors 74HC4046 Datasheet HTML 12Page - NXP Semiconductors 74HC4046 Datasheet HTML 13Page - NXP Semiconductors 74HC4046 Datasheet HTML 14Page - NXP Semiconductors 74HC4046 Datasheet HTML 15Page - NXP Semiconductors 74HC4046 Datasheet HTML 16Page - NXP Semiconductors 74HC4046 Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 34 page
background image
1997 Nov 25
13
Philips Semiconductors
Product specification
Phase-locked-loop with VCO
74HC/HCT4046A
AC CHARACTERISTICS FOR 74HC
Phase comparator section
GND = 0 V; tr =tf = 6 ns; CL = 50 pF
SYMBOL PARAMETER
Tamb (°C)
UNIT
TEST
CONDITIONS
74HC
VCC
(V)
OTHER
+25
−40 to +85 −40 to +125
min.
typ.
max.
min. max.
min.
max.
tPHL/
tPLH
propagation delay
SIGIN, COMPIN
to PC1OUT
63
200
250
300
ns
2.0
Fig.16
23
40
50
60
4.5
18
34
43
51
6.0
tPHL/
tPLH
propagation delay
SIGIN, COMPIN
to PCPOUT
96
340
425
510
ns
2.0
Fig.16
35
68
85
102
4.5
28
58
72
87
6.0
tPHL/
tPLH
propagation delay
SIGIN, COMPIN
to PC3OUT
77
270
340
405
ns
2.0
Fig.16
28
54
68
81
4.5
22
46
58
69
6.0
tPZH/
tPZL
3-state output enable
time SIGIN, COMPIN
to PC2OUT
83
280
350
420
ns
2.0
Fig.17
30
56
70
84
4.5
24
48
60
71
6.0
tPHZ/
tPLZ
3-state output disable
time SIGIN, COMPIN
to PC2OUT
99
325
405
490
ns
2.0
Fig.17
36
65
81
98
4.5
29
55
69
83
6.0
tTHL/
tTLH
output transition time
19
75
95
110
ns
2.0
Fig.16
7
15
19
22
4.5
6
13
16
19
6.0
VI(p-p)
AC coupled input sensitivity
(peak-to-peak value) at
SIGIN or COMPIN
9
mV
2.0
fi = 1 MHz
11
3.0
15
4.5
33
6.0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com