Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74HC4060 Datasheet(PDF) 6 Page - NXP Semiconductors

Part # 74HC4060
Description  14-stage binary ripple counter with oscillator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74HC4060 Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button 74HC4060 Datasheet HTML 2Page - NXP Semiconductors 74HC4060 Datasheet HTML 3Page - NXP Semiconductors 74HC4060 Datasheet HTML 4Page - NXP Semiconductors 74HC4060 Datasheet HTML 5Page - NXP Semiconductors 74HC4060 Datasheet HTML 6Page - NXP Semiconductors 74HC4060 Datasheet HTML 7Page - NXP Semiconductors 74HC4060 Datasheet HTML 8Page - NXP Semiconductors 74HC4060 Datasheet HTML 9Page - NXP Semiconductors 74HC4060 Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
December 1990
6
Philips Semiconductors
Product specification
14-stage binary ripple counter with oscillator
74HC/HCT4060
DC CHARACTERISTICS FOR 74HC
Output capability: standard (except for RTC and CTC)
ICC category: MSI
Voltages are referenced to GND (ground = 0 V)
SYM-
BOL
PARAMETER
Tamb (°C)
UNIT
TEST CONDITIONS
74HC
VCC
(V)
VI
OTHER
+25
−40 to +85
−40 to +125
min.
typ. max.
min.
max.
min.
max.
VIH
HIGH level input voltage
MR input
1.5
3.15
4.2
1.3
2.4
3.1
1.5
3.15
4.2
1.5
3.15
4.2
V
2.0
4.5
6.0
VIL
LOW level input voltage
MR input
0.8
2.1
2.8
0.5
1.35
1.8
0.5
1.35
1.8
0.5
1.35
1.8
V
2.0
4.5
6.0
VIH
HIGH level input voltage
RS input
1.7
3.6
4.8
1.7
3.6
4.8
1.7
3.6
4.8
V
2.0
4.5
6.0
VIL
LOW level input voltage
RS input
0.3
0.9
1.2
0.3
0.9
1.2
0.3
0.9
1.2
V
2.0
4.5
6.0
VOH
HIGH level output voltage
RTC output
3.98
5.48
3.84
5.34
3.7
5.2
V
4.5
6.0
RS=GND
and
MR=GND
−I
O = 2.6 mA
−I
O = 3.3 mA
3.98
5.48
3.84
5.34
3.7
5.2
V
4.5
6.0
RS=VCC
and
MR=VCC
−I
O = 0.65 mA
−I
O = 0.85 mA
1.9
4.4
5.9
2.0
4.5
6.0
1.9
4.4
5.9
1.9
4.4
5.9
V
2.0
4.5
6.0
RS=GND
and
MR=GND
−I
O =20 µA
−I
O =20 µA
−I
O =20 µA
1.9
4.4
5.9
2.0
4.5
6.0
1.9
4.4
5.9
1.9
4.4
5.9
V
2.0
4.5
6.0
RS=VCC
and
MR=VCC
−I
O =20 µA
−I
O =20 µA
−I
O =20 µA
VOH
HIGH level output voltage
CTC output
3.98
5.48
3.84
5.34
3.7
5.2
V
4.5
6.0
RS=VIH
and
MR=VIL
−I
O = 3.2 mA
−I
O = 4.2 mA
VOH
HIGH level output voltage
except RTC output
1.9
4.4
5.9
2.0
4.5
6.0
1.9
4.4
5.9
1.9
4.4
5.9
V
2.0
4.5
6.0
VIH
or
VIL
−I
O =20 µA
−I
O =20 µA
−I
O =20 µA
VOH
HIGH level output voltage
except RTC and CTC
outputs
3.98
5.48
3.84
5.34
3.7
5.2
V
4.5
6.0
VIH
or
VIL
−I
O = 4.0 mA
−I
O = 5.2 mA
VOL
LOW level output voltage
RTC output
0.26
0.26
0.33
0.33
0.4
0.4
4.5
6.0
RS=VCC
and
MR=GND
IO = 2.6 mA
IO = 3.3 mA
0
0
0
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
V
2.0
4.5
6.0
RS=VCC
and
MR=GND
IO =20 µA
IO =20 µA
IO =20 µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com