Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM85C30-8JC Datasheet(PDF) 49 Page - Advanced Micro Devices

Part # AM85C30-8JC
Description  Enhanced Serial Communications Controller
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM85C30-8JC Datasheet(HTML) 49 Page - Advanced Micro Devices

Back Button AM85C30-8JC Datasheet HTML 45Page - Advanced Micro Devices AM85C30-8JC Datasheet HTML 46Page - Advanced Micro Devices AM85C30-8JC Datasheet HTML 47Page - Advanced Micro Devices AM85C30-8JC Datasheet HTML 48Page - Advanced Micro Devices AM85C30-8JC Datasheet HTML 49Page - Advanced Micro Devices AM85C30-8JC Datasheet HTML 50Page - Advanced Micro Devices AM85C30-8JC Datasheet HTML 51Page - Advanced Micro Devices AM85C30-8JC Datasheet HTML 52Page - Advanced Micro Devices AM85C30-8JC Datasheet HTML 53Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 68 page
background image
AMD
49
Am85C30
1
TwPCI
PCLK Low Width
50
1000
40
1000
26
1000
ns
2
TwPCh
PCLK High Width
50
1000
40
1000
26
1000
ns
3
TfPC
PCLK Fall Time
15
12
8
ns
4
TrPC
PCLK Rise Time
15
12
8
ns
5
TcPC
PCLK Cycle Time
122
2000
100
2000
61
2000
ns
6
TsA(WR)
Address to
WR
↓ Setup Time
70
50
35
ns
7
ThA(WR)
Address to
WR
↑ Hold Time
0
0
0
ns
8
TsA(RD)
Address to
RD
↓ Setup Time
70
50
35
ns
9
ThA(RD)
Address to
RD
↑ Hold Time
0
0
0
ns
10
TsIA(PC)
I
NTACK to PCLK
↑ Setup Time
20
20
15
ns
11
TsIA(WR)
INTACK to WR
↓ Setup Time
145
120
70
ns
(Note 1)
12
ThIA(WR)
INTACK to WR
↑ Hold Time
0
0
0
ns
13
TsIA(RD)
INTACK to RD
↓ Setup Time
145
120
70
ns
(Note 1)
14
ThIAi(RD)
INTACK to RD
↑ Hold Time
0
0
0
ns
15
ThIA(PC)
INTACK to PCLK
↑ Hold Time
40
30
15
ns
16
TsCEI(WR)
CE Low to WR
↓ Setup Time
0
0
0
ns
17
ThCE(WR)
CE to WR
↑ Hold Time
0
0
0
ns
18
TsCEh(WR)
CE High to WR
↓ Setup Time
60
50
30
ns
19
TsCEI(RD)
CE Low to RD
↓ Setup Time
0
0
0
ns
(Note 1)
20
ThCE(RD)
CE to RD
↑ Hold Time (Note1)
0
0
0
ns
21
TsCEh(RD)
CE High to RD
↓ Setup Time
60
50
30
ns
(Note 1)
22
TwRDI
RD Low Width (Note 1)
150
125
75
ns
23
TdRD(DRA)
RD
↓ to Read Data Active Delay
0
0
0
ns
24
TdRDr(DR)
RD
↑ to Read Data Not Valid Delay
0
0
0
ns
25
TdRDf(DR)
RD
↓ to Read Data Valid Delay
140
125
70
ns
26
TdRD(DRz)
RD
↑ to Read Data Float Delay
40
35
20
ns
(Note 2)
Notes:
1. Parameter does not apply to Interrupt Acknowledge transactions.
2. Float delay is defined as the time at which the data bus is released from its drive state with a maximum DC load and
minimum AC load.
No.
Parameter
Symbol
Parameter
Description
10 MHz
16.384 MHz
Min
Max
Min
Max
Unit
8.192 MHz
Min
Max
SWITCHING CHARACTERISTICS over MILITARY/INDUSTRIAL operating range (continued)
Read and Write Timing (see Figure 21)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com