Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M95256-DF Datasheet(PDF) 7 Page - STMicroelectronics

Part # M95256-DF
Description  256-Kbit serial SPI bus EEPROM with high-speed clock
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M95256-DF Datasheet(HTML) 7 Page - STMicroelectronics

Back Button M95256-DF Datasheet HTML 3Page - STMicroelectronics M95256-DF Datasheet HTML 4Page - STMicroelectronics M95256-DF Datasheet HTML 5Page - STMicroelectronics M95256-DF Datasheet HTML 6Page - STMicroelectronics M95256-DF Datasheet HTML 7Page - STMicroelectronics M95256-DF Datasheet HTML 8Page - STMicroelectronics M95256-DF Datasheet HTML 9Page - STMicroelectronics M95256-DF Datasheet HTML 10Page - STMicroelectronics M95256-DF Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 51 page
background image
4.1
SPI modes
These devices can be driven by a microcontroller with its SPI peripheral running in either of the following two
modes:
•
CPOL = 0, CPHA = 0
•
CPOL = 1, CPHA = 1
For these two modes, input data is latched in on the rising edge of Serial clock (C), and output data is available
from the falling edge of Serial clock (C).
The difference between the two modes, as shown in Figure 6, is the clock polarity when the bus master is in
Stand-by mode and not transferring data:
•
C remains at 0 for (CPOL = 0, CPHA = 0)
•
C remains at 1 for (CPOL = 1, CPHA = 1)
Figure 6. SPI modes supported
MSB
MSB
C
D
Q
C
CPOL
0
1
CPHA
0
1
M95256-W M95256-R M95256-DF
SPI modes
DS4712 - Rev 22
page 7/51



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com