Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P0109AL5AA4 Datasheet(PDF) 4 Page - STMicroelectronics

Part # P0109AL5AA4
Description  Sensitive high immunity 0.25 A SCR Thyristor
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

P0109AL5AA4 Datasheet(HTML) 4 Page - STMicroelectronics

  P0109AL5AA4 Datasheet HTML 1Page - STMicroelectronics P0109AL5AA4 Datasheet HTML 2Page - STMicroelectronics P0109AL5AA4 Datasheet HTML 3Page - STMicroelectronics P0109AL5AA4 Datasheet HTML 4Page - STMicroelectronics P0109AL5AA4 Datasheet HTML 5Page - STMicroelectronics P0109AL5AA4 Datasheet HTML 6Page - STMicroelectronics P0109AL5AA4 Datasheet HTML 7Page - STMicroelectronics P0109AL5AA4 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Characteristics
P0109AL
4/8
DocID030704 Rev 2
Figure 7: Relative variation of dV/dt immunity
versus gate-cathode capacitance
Figure 8: Surge peak on-state current versus
number of cycles
Figure 9: Non-repetitive surge peak on-state
current for sinusoidal pulse (tp< 10 ms)
Figure 10: On-state characteristics
Figure 11: Thermal resistance junction to ambient versus copper surface under tab
0
1
2
3
4
5
6
7
0
2
4
6
8
10
C
(nF)
GK
dV/dt[C
] / dV/dt[
= 1k , CGK = 0 F]
GK
Ω
RGK
T
V = 0.67 xV
= 125°C
R
= 1k
D
DRM
GK
j
Ω
Typical values
I
(A)
TSM
1
1 0
100
1000
0
1
2
3
4
5
6
7
8
Number of cycles
Non repetitive
T initial = 25°C
j
Repetitive
T
= 36 °C
amb
t = 10ms
p
One cycle
100.0
10.0
1.0
0.1
0.01
0.10
1.00
10.00
T initial = 25°C
j
ITSM
t (ms)
p
ITSM(A)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com