Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P0109DA Datasheet(PDF) 1 Page - STMicroelectronics

Part # P0109DA
Description  0.8 A 400 V high immunity sensitive SCR thyristor in TO-92
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

P0109DA Datasheet(HTML) 1 Page - STMicroelectronics

  P0109DA Datasheet HTML 1Page - STMicroelectronics P0109DA Datasheet HTML 2Page - STMicroelectronics P0109DA Datasheet HTML 3Page - STMicroelectronics P0109DA Datasheet HTML 4Page - STMicroelectronics P0109DA Datasheet HTML 5Page - STMicroelectronics P0109DA Datasheet HTML 6Page - STMicroelectronics P0109DA Datasheet HTML 7Page - STMicroelectronics P0109DA Datasheet HTML 8Page - STMicroelectronics P0109DA Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
A
K
G
A
K
G
TO-92
Features
On-state rms current, IT(RMS) 0.8 A
125 °C max. Tj
Ultra low 1 µA gate current
Repetitive peak off-state voltage, VDRM/VRRM 400 V
ECOPACK2 compliant
Applications
Gate driver for large Thyristors
Overvoltage crowbar protection
Ground fault circuit interrupters
Arc fault circuit interrupter
Standby mode power supplies
Residual current detector
Description
Thanks to highly sensitive triggering levels, the 0.8 A P0109DA SCR thyristor is
suitable for all applications where available gate current is limited.
This device offers a high blocking voltage of 400 V, ideal for applications like
interrupters circuits.
The P0109DA is available in through-hole TO-92 package.
Product status link
P0109DA
Product summary
IT(RMS)
0.8 A
VDRM/VRRM
400 V
IGT
1 µA
Tjmax.
125 °C
0.8 A 400 V high immunity sensitive SCR thyristor in TO-92
P0109DA
Datasheet
DS13154 - Rev 2 - June 2020
For further information contact your local STMicroelectronics sales office.
www.st.com


Similar Part No. - P0109DA

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
P0109DA-1AA3 STMICROELECTRONICS-P0109DA-1AA3 Datasheet
125Kb / 11P
Sensitive standard SCRs up to 0.8 A
24-Nov-2008
P0109DA-5AL3 STMICROELECTRONICS-P0109DA-5AL3 Datasheet
125Kb / 11P
Sensitive standard SCRs up to 0.8 A
24-Nov-2008
P0109DA1AA3 STMICROELECTRONICS-P0109DA1AA3 Datasheet
125Kb / 11P
Sensitive standard SCRs up to 0.8 A
24-Nov-2008
P0109DA5AL3 STMICROELECTRONICS-P0109DA5AL3 Datasheet
125Kb / 11P
Sensitive standard SCRs up to 0.8 A
24-Nov-2008
More results

Similar Description - P0109DA

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
X00619 STMICROELECTRONICS-X00619 Datasheet
183Kb / 10P
0.8 A sensitive gate SCR
03-May-2012
logo
Foshan Blue Rocket Elec...
2N5064 FOSHAN-2N5064 Datasheet
1Mb / 6P
Thyristor in a TO-92 Plastic Package
C106 FOSHAN-C106 Datasheet
788Kb / 6P
Thyristor in a TO-92 Plastic Package
MCR22 FOSHAN-MCR22 Datasheet
1Mb / 6P
Thyristor in a TO-92 Plastic Package
MCR100 FOSHAN-MCR100 Datasheet
788Kb / 6P
Thyristor in a TO-92 Plastic Package
X0205MA FOSHAN-X0205MA Datasheet
1Mb / 6P
Thyristor in a TO-92 Plastic Package
logo
STMicroelectronics
X0115MUF STMICROELECTRONICS-X0115MUF Datasheet
202Kb / 11P
1 A sensitive gate SCR thyristor
10-Oct-2019
X0115ML STMICROELECTRONICS-X0115ML Datasheet
197Kb / 10P
0.8 A sensitive gate SCR thyristor in SOT23-3L
28-Jan-2022
P0109AL STMICROELECTRONICS-P0109AL Datasheet
364Kb / 8P
Sensitive high immunity 0.25 A SCR Thyristor
Rev 2 August 2017
P011XX STMICROELECTRONICS-P011XX Datasheet
96Kb / 9P
Sensitive high immunity SCRs up to 0.8 A
26-Jan-2009
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com