Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74V2G132 Datasheet(PDF) 3 Page - STMicroelectronics

Part # 74V2G132
Description  DUAL 2-INPUT SHMITT TRIGGER NAND GATE
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

74V2G132 Datasheet(HTML) 3 Page - STMicroelectronics

  74V2G132 Datasheet HTML 1Page - STMicroelectronics 74V2G132 Datasheet HTML 2Page - STMicroelectronics 74V2G132 Datasheet HTML 3Page - STMicroelectronics 74V2G132 Datasheet HTML 4Page - STMicroelectronics 74V2G132 Datasheet HTML 5Page - STMicroelectronics 74V2G132 Datasheet HTML 6Page - STMicroelectronics 74V2G132 Datasheet HTML 7Page - STMicroelectronics 74V2G132 Datasheet HTML 8Page - STMicroelectronics 74V2G132 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
74V2G132
3/9
DC SPECIFICATION
AC ELECTRICAL CHARACTERISTICS (Input tr = tf = 3ns)
(*) Voltage range is 3.3V
± 0.3V
(**) Voltage range is 5.0V
± 0.5V
Symbol
Parameter
Test Condition
Value
Unit
VCC
(V)
TA = 25°C
-40 to 85°C
-55 to 125°C
Min.
Typ.
Max.
Min.
Max.
Min.
Max.
VP
High Level Input
Voltage
3.0
2.20
2.20
2.20
V
4.5
3.15
3.15
3.15
5.5
3.85
3.85
3.85
VN
Low Level Input
Voltage
3.0
0.90
0.90
0.90
V
4.5
1.35
1.35
1.35
5.5
1.65
1.65
1.65
VH
Hysteresis Voltage
3.0
0.30
0..5
1.20
0.30
1.20
0.30
1.20
V
4.5
0.40
0.8
1.40
0.40
1.40
0.40
1.40
5.5
0.50
1.0
1.60
0.50
1.60
0.50
1.60
VOH
High Level Ouput
Voltage
2.0
IO=-50 µA
1.9
2.0
1.9
1.9
V
3.0
IO=-50 µA
2.9
3.0
2.9
2.9
4.5
IO=-50 µA
4.4
4.5
4.4
4.4
3.0
IO=-4 mA
2.58
2.48
2.4
4.5
IO=-8 mA
3.94
3.8
3.7
VOL
Low Level Output
Voltage
2.0
IO=50 µA
0.0
0.1
0.1
0.1
V
3.0
IO=50 µA
0.0
0.1
0.1
0.1
4.5
IO=50 µA
0.0
0.1
0.1
0.1
3.0
IO=4 mA
0.36
0.44
0.55
4.5
IO=8 mA
0.36
0.44
0.55
II
Input Leakage
Current
0 to
5.5
VI = 5.5V or GND
± 0.1
± 1
± 1
µA
ICC
Quiescent Supply
Current
5.5
VI = VCC or GND
110
20
µA
IOPD
Power down Output
Leakage Current
0
VO = 5.5
0.5
5
10
µA
Symbol
Parameter
Test Condition
Value
Unit
VCC
(V)
CL
(pF)
TA = 25°C
-40 to 85°C
-55 to 125°C
Min.
Typ.
Max.
Min.
Max.
Min.
Max.
tPLH tPHL Propagation Delay
Time
3.3(*)
15
5.5
7.9
1.0
9.5
1.0
9.5
ns
3.3(*)
50
8.0
11.4
1.0
13.0
1.0
13.0
5.0(**)
15
3.7
5.5
1.0
6.5
1.0
6.5
5.0(**)
50
5.2
7.5
1.0
8.5
1.0
8.5



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com