Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM4562 Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM4562
Description  Dual High Performance, High Fidelity Audio Operational Amplifier
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4562 Datasheet(HTML) 4 Page - National Semiconductor (TI)

  LM4562 Datasheet HTML 1Page - National Semiconductor (TI) LM4562 Datasheet HTML 2Page - National Semiconductor (TI) LM4562 Datasheet HTML 3Page - National Semiconductor (TI) LM4562 Datasheet HTML 4Page - National Semiconductor (TI) LM4562 Datasheet HTML 5Page - National Semiconductor (TI) LM4562 Datasheet HTML 6Page - National Semiconductor (TI) LM4562 Datasheet HTML 7Page - National Semiconductor (TI) LM4562 Datasheet HTML 8Page - National Semiconductor (TI) LM4562 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 33 page
background image
Electrical Characteristics for the LM4562 (Note 1)
The following specifications apply for the circuit shown in Figure X. V
S = ±15V, RL =2k
Ω,R
SOURCE =10
Ω,f
IN = 1kHz, and TA
= 25˚C, unless otherwise specified. (Continued)
Symbol
Parameter
Conditions
LM4562
Units
(Limits)
Typical
Limit
(Note 6)
(Note 7)
Z
IN
Differential Input Impedance
30
k
Ω
Common Mode Input Impedance
–10V<Vcm<10V
1000
M
Ω
A
VOL
Open Loop Voltage Gain
–10V<Vout<10V, R
L = 600
Ω
140
125
dB (min)
–10V<Vout<10V, R
L =2k
Ω
140
–10V<Vout<10V, R
L = 10k
Ω
140
V
OUTMAX
Maximum Output Voltage Swing
R
L = 600
Ω
±13.6
±12.5
V (min)
R
L =2k
Ω
±14.0
R
L = 10k
Ω
±14.1
I
OUT
Output Current
R
L = 600
Ω,V
S = ±17V
±26
±23
mA (min)
I
OUT-CC
Instantaneous Short Circuit Current
+53
–42
mA
R
OUT
Output Impedance
f
IN = 10kHz
Closed-Loop
Open-Loop
0.01
13
Ω
C
LOAD
Capacitive Load Drive Overshoot
100pF
16
%
I
S
Total Quiescent Current
I
OUT = 0mA
10
12
mA (max)
Note 1: Absolute Maximum Ratings indicate limits beyond which damage to the device may occur.
Note 2: Operating Ratings indicate conditions for which the device is functional, but do not guarantee specific performance limits. For guaranteed specifications and
test conditions, see the Electrical Characteristics. The guaranteed specifications apply only for the test conditions listed. Some performance characteristics may
degrade when the device is not operated under the listed test conditions.
Note 3: Amplifier output connected to GND, any number of amplifiers within a package.
Note 4: Human body model, 100pF discharged through a 1.5k
Ω resistor.
Note 5: Machine Model ESD test is covered by specification EIAJ IC-121-1981. A 200pF cap is charged to the specified voltage and then discharged directly into
the IC with no external series resistor (resistance of discharge path must be under 50
Ω).
Note 6: Typical specifications are specified at +25oC and represent the most likely parametric norm.
Note 7: Tested limits are guaranteed to National’s AOQL (Average Outgoing Quality Level).
Note 8: PSRR is measured as follows: VOS is measured at two supply voltages, ±5V and ±15V. PSRR = | 20log(∆VOS/∆VS)|.
www.national.com
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com