Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

93LC56AXTE/STG Datasheet(PDF) 12 Page - Microchip Technology

Part # 93LC56AXTE/STG
Description  2K Microwire Compatible Serial EEPROM
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

93LC56AXTE/STG Datasheet(HTML) 12 Page - Microchip Technology

Back Button 93LC56AXTE/STG Datasheet HTML 8Page - Microchip Technology 93LC56AXTE/STG Datasheet HTML 9Page - Microchip Technology 93LC56AXTE/STG Datasheet HTML 10Page - Microchip Technology 93LC56AXTE/STG Datasheet HTML 11Page - Microchip Technology 93LC56AXTE/STG Datasheet HTML 12Page - Microchip Technology 93LC56AXTE/STG Datasheet HTML 13Page - Microchip Technology 93LC56AXTE/STG Datasheet HTML 14Page - Microchip Technology 93LC56AXTE/STG Datasheet HTML 15Page - Microchip Technology 93LC56AXTE/STG Datasheet HTML 16Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 24 page
background image
93AA56A/B/C, 93LC56A/B/C, 93C56A/B/C
DS21794B-page 12
 2003 Microchip Technology Inc.
4.0
PACKAGING INFORMATION
4.1
Package Marking Information
Legend:
XX...X
Part number
T
Temperature
Blank
Commercial
I
Industrial
E
Extended
YY
Year code (last 2 digits of calendar year) except TSSOP
and MSOP which use only the last 1 digit
WW
Week code (week of January 1 is week ‘01’)
NNN
Alphanumeric traceability code
Note:
Custom marking available.
Example:
6-Lead SOT-23
8-Lead MSOP (150 mil)
Example:
XXXXXXT
YWWNNN
3L56BI
2281L7
XXNN
2EL7
XXXXXNNN
XXXXXXXX
YYWW
8-Lead PDIP
8-Lead SOIC
XXXXYYWW
XXXXXXXX
NNN
XXXX
TYWW
8-Lead TSSOP
NNN
I/P 1L7
93LC56B
0228
Example:
Example:
I/SN 0228
93LC56B
1L7
1L7
L56B
I228
Example:
MSOP 1st Line Marking Codes
Device
93AA56A
93AA56B
93AA56C
93LC56A
93LC56B
93LC56C
93C56A
93C56B
93C56C
std mark
3A56AT
3A56BT
3A56CT
3L56AT
3L56BT
3L56CT
3C56AT
3C56BT
3C56CT
Pb-free
mark
GA56AT
GA56BT
GA56CT
GL56AT
GL56BT
GL56CT
GC56AT
GC56BT
GC56CT
T = blank for commercial, “I” for Industrial,
“E” for Extended.
TSSOP 1st Line Marking Codes
Device
93AA56A
93AA56B
93AA56C
93LC56A
93LC56B
93LC56C
93C56A
93C56B
93C56C
std mark
A56A
A56B
A56C
L56A
L56B
L56C
C56A
C56B
C56C
Pb-free
mark
GABA
GABB
GABC
GLBA
GLBB
GLBC
GCBA
GCBB
GCBC
Temperature grade is marked on line 2.
SOT23 Marking Codes
Device
93AA56A
93AA56B
93LC56A
93LC56B
93C56A
93C56B
I-temp
2BNN
2LNN
2ENN
2PNN
2HNN
2TNN
E-temp
–
–
2FNN
2RNN
2JNN
2UNN
Pb-free topside mark is same; Pb-free
noted only on carton label.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com