Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

5VTP4 Datasheet(PDF) 1 Page - Bel Fuse Inc.

Part # 5VTP4
Description  Time-lag Fuse Series (High Surge-proof, Low-breaking Capacity)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

5VTP4 Datasheet(HTML) 1 Page - Bel Fuse Inc.

  5VTP4 Datasheet HTML 1Page - Bel Fuse Inc. 5VTP4 Datasheet HTML 2Page - Bel Fuse Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Bel Fuse Inc. 206 Van Vorst Street, Jersey City, NJ 07302 • Tel: 201-432-0463 • Fax: 201-432-9542 • E-Mail: belfuse@belfuse.com
Website: www.belfuse.com
ORDERING INFORMATION SEE LAST 2 PAGES
s
l
a
v
o
r
p
p
A
y
c
n
e
g
A
y
t
e
f
a
Sy
t
il
i
b
a
.
R
.
I
@
t
l
o
V
/
e
g
n
a
r
p
m
A
1
7
9
.
o
N
e
t
a
ci
fi
tr
e
C
0
6
0
0
A
5
3
@
C
A
V
0
5
2
/
A
3
.
6
-
A
1r
o
0
1 n
I
r
e
t
a
e
r
g
si
r
e
v
e
h
ci
h
w
5
4
7
7
0
0
0
4
.
o
N
e
s
n
e
ci
L
4
2
6
0
2
E
.
o
N
e
li
F
d
e
z
i
n
g
o
c
e
R
2
7
7
9
3
R
L
.
o
N
e
li
F
e
c
n
a
t
p
e
c
c
A
1
4
3
0
3
0
7
0
2
0
1
0
3
0
0
2
.
o
N
e
c
n
e
ci
L
t
n
e
r
r
u
C
d
e
t
a
R
5
.
1
n
I
1
.
2
n
I
5
7
.
2
n
I
4 n
I
0
1 n
I
N
I
MX
A
MN
I
MX
A
MN
I
MX
A
MN
I
MX
A
M
A
3
.
6
o
t
A
11
2
0
0
60
10
5
13
0
20
0
3
.r
h.
n
i
ms
mc
e
ss
mc
e
ss
ms
m
g
o
l
a
t
a
C
r
e
b
m
u
N
S
H
o
R
x
if
f
u
S
e
r
e
p
m
A
g
n
it
a
R
l
a
c
i
p
y
T
d
l
o
C
e
c
n
a
t
s
i
s
e
R
)
m
h
o
(
p
o
r
d
-
t
l
o
V
%
0
0
1
@
n
I
.
x
a
m
)
t
l
o
V
(
I
g
n
it
l
e
M
2T
c
e
S
m
0
1
<
A
( 2
)
c
e
S
I
g
n
it
l
e
M
2T
0
1
@
n
I
A
( 2
)
c
e
S
m
u
m
i
x
a
M
r
e
w
o
P
n
o
it
a
p
i
s
s
i
D
)
W
(
1
)
P
(
T
V
5R
-A
10
1
1
.
03
3
1
.
08
29
22
4
.
0
5
2
.
1
)
P
(
T
V
5R
-A
5
2
.
10
8
0
.
08
2
1
.
02
43
42
4
.
0
6
.
1
)
P
(
T
V
5R
-A
6
.
19
5
0
.
03
2
1
.
02
64
61
5
.
0
2
)
P
(
T
V
5R
-A
20
4
0
.
08
1
1
.
02
95
91
6
.
0
5
.
2
)
P
(
T
V
5R
-A
5
.
2
0
3
0
.
0
3
1
1
.
07
3
12
4
14
7
.
0
5
1
.
3
)
P
(
T
V
5R
-A
5
1
.
32
2
0
.
09
0
1
.
03
0
21
1
20
9
.
0
4
)
P
(
T
V
5R
-A
46
1
0
.
05
0
1
.
00
0
33
1
38
0
.
1
5
)
P
(
T
V
5R
-A
52
1
0
.
00
0
1
.
04
4
45
6
41
3
.
1
3
.
6
)
P
(
T
V
5R
-A
3
.
6
9
0
0
.
0
7
9
0
.
08
5
61
9
68
5
.
1
0.787"
± 0.02"
(20
± 0.5mm)
0.20"
± 0.004"
(5.1
± 0.1mm)
0.827"
± 0.02"
(21.0
± 0.5mm)
1.5"
± 0.08"
(38.1
± 2mm)
0.217"
± 0.004"
(5.5
± 0.1mm)
SEE LEAD SIZE LISTED IN “ MATERIAL”
Type 5VT / 5VTP
Time-lag Fuse Series (High Surge-proof,Low-breaking Capacity)
Electrical Characteristics (IEC-127-2 STANDARD SHEET 3)
Approvals
5 x 20mm Glass Tube
5VTD1005
RoHS Compliant Product
For RoHS Compliant Version, add suffix “R” after catalog number
Operating Temperature
-55
°C to +125°C
Physical Specification
Materials
Glass body / Nickel Plated Brass Caps
Lead wire :
Tin plated Copper alloy,
Diameter 0.032", 6.3 and less
Marking
On fuse:
“bel”, “T”, “Current Rating”, “L”, “250V”,
“Appropriate Safety Logos”,“✔” (RoHS Version)
On label:
“bel”,“5VT” or “5VTP”,“Current Rating”,“Voltage
Rating”, “Interrupting Rating”,“Appropriate Safety Logos”
and “
”+ suffix “R” for RoHS Version
Packaging
1. In bulk :
5VT - 1,000 pcs per box; 5VTP - 500 pcs per box
2. On Axial Tape & Reel:
1,500 pcs per reel
3.Tape & Reel specification:
per EIA-296-E & IEC 286-1@ 10mm Pitch and 63.5mm inside Tape Spacing
Consult manufacturer for other ratings
5VT
5VTP
Mechanical Dimensions
sd rScc
49
RoHS Compliant
W5VTD0505-A1
s
d
r
S
c


Similar Part No. - 5VTP4

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
5VTP4-R BEL-5VTP4-R Datasheet
1Mb / 4P
Time-lag Fuse Series (High Surge-proof, Low-breaking Capacity)
5VTP4-R BEL-5VTP4-R Datasheet
1Mb / 4P
Time-lag Fuse Series
More results

Similar Description - 5VTP4

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
5ET BEL-5ET Datasheet
92Kb / 2P
Time-lag Fuse Series (High Surge-proof , Enhanced-breaking Capacity)
5HT BEL-5HT Datasheet
98Kb / 2P
Time-lag Fuse Series (High - Breaking Capacity)
5ST BEL-5ST Datasheet
99Kb / 2P
Time-lag Fuse Series (Low Breaking Capacity)
5ET BEL-5ET_13 Datasheet
1Mb / 4P
TIME-LAG FUSE SERIES(HIGH SURGE-PROOF,ENHANCED-BREAKING CAPACITY)
5HT BEL-5HT_13 Datasheet
1Mb / 4P
TIME-LAG FUSE SERIES (HIGH - BREAKING CAPACITY)
5ST BEL-5ST Datasheet
1Mb / 4P
TIME-LAG FUSE SERIES(LOW BREAKING CAPACITY)
5VT BEL-5VT_13 Datasheet
1Mb / 4P
Time-lag Fuse Series (High Surge-proof, Low-breaking Capacity)
logo
Littelfuse
06183-15MXP LITTELFUSE-06183-15MXP Datasheet
99Kb / 1P
0618XP - Series 5x20mm Time-Lag Fuse Designed to IEC Standard (Low Breaking Capacity)
logo
Bel Fuse Inc.
0659C BEL-0659C Datasheet
2Mb / 4P
Time - lag Fuse Series (High-Breaking Capacity)
0659C1000-XX BEL-0659C1000-XX Datasheet
619Kb / 4P
Type 0659C / 0659P Time-lag Fuse Series (High -Breaking Capacity)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com