Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC000706 Datasheet(PDF) 1 Page - Amphenol Sine Systems Corp.

Part # SC000706
Description  KIT, 2 POSN, F/M PLUG, SCKT PRM SERIES™MACH CONT, MATES WITH PRM2400-G2-PNL
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASS [Amphenol Sine Systems Corp.]
Direct Link  https://www.amphenol-sine.com/
Logo ASS - Amphenol Sine Systems Corp.

SC000706 Datasheet(HTML) 1 Page - Amphenol Sine Systems Corp.

  SC000706 Datasheet HTML 1Page - Amphenol Sine Systems Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
1
2
3
1
2
1
INITIAL RELEASE
4JAN 20
TZ
A1
-
MATERIALS LIST
SIZE
PROCESS SPECIFICATIONS:
MATERIAL SPECIFICATIONS:
UNLESS OTHERWISE SPECIFIED
3 PL DEC ±0.08
1) All dimensions are in metric(mm).
2) Tolerances are as follows:
1 PL DEC ±0.30
2 PL DEC ±0.15
QUANTITY
SIGNATURES
Fractions ±1/64
Angles ±1°
APPROVAL:
ENGINEER:
CHECKED:
DRAWN:
SCALE:
DATE
PART NUMBER
REVISION
DWG NO:
TYPE
SHEET
OF
ITEM
DESCRIPTION
THIS DRAWING IS SUPPLIED FOR
INFORMATION ONLY. DESIGN FEATURES,
SPECIFICATIONS AND PERFORMANCE DATA
SHOWN HEREON ARE THE PROPERTY OF
THE AMPHENOL CORPORATION. NO RIGHTS
OF REPRODUCTION ARE IMPLIED. ALL
DIMENSIONS ARE SUBJECT TO NORMAL
MANUFACTURING VARIATIONS.
CUSTOMER:
NEXT ASS'Y:
X
3) Note reference =
44724 Morley Drive
Clinton Township, MI 48036
Sine Systems - www.amphenol-sine.com
Amphenol
KIT, 2 POSN, F/M PLUG, SCKT PRM SERIES™
MACH CONT, MATES WITH PRM2400-G2-PNL
B
PRM2.400-G(X)-PLG A1
1
1
TZ
1JAN20
RC
2FEB20
TZ
TZ
3MAR20
NONE
C-
-
CONTACT HOUSING, PLASTIC
2.4MM FEMALE, SOCKET, 18-20 AWG
PL-000734
SC000706
RETAINER, CLIP
PL-000735
US UL CUL
20 AWG (0.5mm²)
COMPONENTS CAN BE PURCHASED SERARATELY
E336860
16 AWG (1.5mm²)
WIRE AWG (mm²)
NOTES:
3) RECOMMENDED CRIMP TOOLS:
1) CONTACT BARREL RANGE: 10AWG TO 20AWG
4) MATERIALS:
HOUSING BODY: GF PA 6/6
CONTACT: COPPER ALLOY / SILVER PLATED
WITH RADSOK® TECHNOLOGY / SILVER PLATED
5) ELECTRICAL DATA:
a) CURRENT (MAX): SEE CHART
b) VOLTAGE (MAX): 250V DC
a) TEMPERATURE RANGE: -40°C TO 125°C
b) MATING CYCLES: >500
7) RoHS COMPLIANT
6) TECHNICAL DATA:
9) INSTALLATION INSTRUCTIONS:
WWW.AMPHENOL-SINE.COM/PDF/PRM2400-PLG.PDF
2) MAX INSULATION SIZE: .216 (5.5MM)
HAND CRIMPER: DANIELS M300BT
8) UL 94 V-0 FLAME RATING
2
2.4MM FEMALE, SOCKET, 14-16AWG
SC000692
4
14 AWG (2.5mm²)
18 AWG (.75mm²)
PART NUMBER
CONTACT P/N
PRM2.400-G4-PLG
PRM2.400-G3-PLG
SC000706
SC000692
UNIVERSAL POSITIONER: UH2-5
DATE: MM/DD/YY
LOT: XXXXXX
QTY: 1
E336860
BAG SAMPLE
2 FEMALE SOCKETS
RETAINER CLIP
CONTACT HOUSING
KIT CONTAINS
*SEE UL RATING
IN CHART
HOUSING
FEMALE SOCKETS
RETAINER CLIP
CUSTOM LASER
ENGRAVING AVAILABLE
5
2
2.4MM FEMALE, SOCKET, 10-12AWG
SC000612
ITEM 3,4 OR 5
12 AWG (2.5mm²) 30A DC 25A DC
32A DC 32A DC
10 AWG (4mm²)
PRM2.400-G2-PLG
SC000612
16A PEND
SURESOCKET™
20A DC 15A DC
UL
16A PEND
UL
12A PEND
UL
12A PEND
UL
10A PEND
UL
10A PEND
UL
FEMALE PLUG
WITH SURE SOCKET™ TECHNOLOGY / GOLD PLATED


Similar Part No. - SC000706

ManufacturerPart #DatasheetDescription
logo
Amphenol Sine Systems C...
SC000706 ASS-SC000706 Datasheet
194Kb / 1P
2.4MM, FEMALE SURESOCKET™ MACHINED SOCKET, 18-20AWG
Rev. A1
SC000706 ASS-SC000706 Datasheet
2Mb / 6P
Panel Rack Mount Power Connectors
More results

Similar Description - SC000706

ManufacturerPart #DatasheetDescription
logo
Winchester Electronics ...
SDKN-99-14 WINCHESTER-SDKN-99-14 Datasheet
58Kb / 1P
ADAPTER, PNL, F-F, N
logo
Virginia Panel Corporat...
310113547 VPC-310113547 Datasheet
106Kb / 2P
MNTNG PNL KIT
logo
Kingston Technology Far...
SM2280S3G2 KINGSTON-SM2280S3G2 Datasheet
237Kb / 2P
SSDNow M.2 SATA G2 Drive
logo
TE Connectivity Ltd
C-2317815 TEC-C-2317815 Datasheet
336Kb / 2P
PLUG KIT, 50 POSN, SLIVER
C-2317823 TEC-C-2317823 Datasheet
282Kb / 2P
PLUG KIT, 74 POSN, SLIVER
logo
Amphenol Sine Systems C...
PL000728 ASS-PL000728 Datasheet
198Kb / 1P
4MM, FEMALE PLUG HOUSING FOR USE WITH PL000729, PRM SERIES™
Rev. A1
PL000734 ASS-PL000734 Datasheet
194Kb / 1P
2.4MM FEMALE PLUG HOUSING FOR USE WITH PL000735, PRM SERIES™
Rev. A1
PRM0400-G3-PNL ASS-PRM0400-G3-PNL Datasheet
170Kb / 1P
KIT, 2 POSN, MALE RECPT, PINPRM SERIES™MACH CONT, MATES WITH PRM0400-GX-PLG
Rev. A1
PRM0400-GX-PLG ASS-PRM0400-GX-PLG Datasheet
167Kb / 1P
KIT, 2 POSN, F/M PLUG, SCKT PRM SERIES™ MACH CONT, MATES WITH PRM0400-G2.PNL
Rev. A1
PRM2.400-G2-PNL ASS-PRM2.400-G2-PNL Datasheet
300Kb / 1P
KIT, 2 POSN MALE RECPT, PIN, PRM SERIES 12-14AWG MACHINED CONTACT MATES WITH PRM2400-GX-PLG
Rev. A1
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com