Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FTC262 Datasheet(PDF) 13 Page - Endress+Hauser Group Services AG

Part # FTC262
Description  Point level switch with buildup compensation No calibration necessary
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EH [Endress+Hauser Group Services AG]
Direct Link  https://www.endress.com/
Logo EH - Endress+Hauser Group Services AG

FTC262 Datasheet(HTML) 13 Page - Endress+Hauser Group Services AG

Back Button FTC262 Datasheet HTML 8Page - Endress+Hauser Group Services AG FTC262 Datasheet HTML 9Page - Endress+Hauser Group Services AG FTC262 Datasheet HTML 10Page - Endress+Hauser Group Services AG FTC262 Datasheet HTML 11Page - Endress+Hauser Group Services AG FTC262 Datasheet HTML 12Page - Endress+Hauser Group Services AG FTC262 Datasheet HTML 13Page - Endress+Hauser Group Services AG FTC262 Datasheet HTML 14Page - Endress+Hauser Group Services AG FTC262 Datasheet HTML 15Page - Endress+Hauser Group Services AG FTC262 Datasheet HTML 16Page - Endress+Hauser Group Services AG  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
Minicap FTC260, FTC262
Endress+Hauser
13
Material for wetted parts
• Probe FTC260/FTC262: PPS GF40
FDA: FCN No. 000040:
www.fda.gov/Food/IngredientsPackagingLabeling/EnvironmentalDecisions/ucm154090.htm
Regulation (EC) No. 1935/2004 and No. 10/2011
• Probe rope FTC262: PE-HD
• Probe rope seal FTC262: VMQ
FDA: 21 CFR 177.2600
Process connections
Threaded boss:
•FTC260
– R 1, ISO 7/1 (DIN 2999), BSPT; adapter for R 1½ and G 1½, → ä 14 "Accessories"
– 1 NPT, ANSI B 1.20.1; adapter for 1¼ NPT, → ä 14 "Accessories"
•FTC262
– R 1½, ISO 7/1 (DIN2999), BSPT
– 1½ NPT, ANSI B 1.20.1
Housing, cable entry
• Housing F14: polyester PBT-FR, IP66
– Coupling M20
–Thread NPT 1/2
–Thread G 1/2
• Housing F34: aluminum, IP66
– Coupling M20
–Thread NPT 1/2
–Thread G 1/2
Tensile strength
FTC262
L00-FTC26xxx-05-06-xx-xx-003
max. 3000 N up to 40 °C (104 °F)
max. 2800 N at 80 °C (176 °F)
Operability
Display elements
• Green LED: stand-by
• Red LED: switch status
Operating elements
Switch on electronic insert
• switching between minimum and maximum fail-safe mode
• Sensitivity setting (depending on dielectric constant εr and buildup).
It is usually not necessary to adjust the sensitivity (see "Measuring principle" section → ä 3)
F
N
T
°C (°F)
p
3000
–40
()
–40
0
(32)
40
(104)
80
(176)
2800



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com