Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74HC423D Datasheet(PDF) 8 Page - NXP Semiconductors

Part # 74HC423D
Description  Dual retriggerable monostable multivibrator with reset
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74HC423D Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button 74HC423D Datasheet HTML 4Page - NXP Semiconductors 74HC423D Datasheet HTML 5Page - NXP Semiconductors 74HC423D Datasheet HTML 6Page - NXP Semiconductors 74HC423D Datasheet HTML 7Page - NXP Semiconductors 74HC423D Datasheet HTML 8Page - NXP Semiconductors 74HC423D Datasheet HTML 9Page - NXP Semiconductors 74HC423D Datasheet HTML 10Page - NXP Semiconductors 74HC423D Datasheet HTML 11Page - NXP Semiconductors 74HC423D Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
1998 Jul 08
8
Philips Semiconductors
Product specification
Dual retriggerable monostable
multivibrator with reset
74HC/HCT423
Notes
1. For other REXT and CEXT combinations see Fig.9.
If CEXT > 10 pF, the next formula is valid:
tW =K × REXT × CEXT (typ.)
where: tW
= output pulse width in ns;
REXT = external resistor in kΩ;CEXT = external capacitor in pF;
K
= constant = 0.45 for VCC = 5.0 V and 0.55 for VCC = 2.0 V.
The inherent test jig and pin capacitance at pins 15 and 7 (nREXT/CEXT) is approximately 7 pF.
2. The time to retrigger the monostable multivibrator depends on the values of REXT and CEXT.
The output pulse width will only be extended when the time between the active-going edges of the trigger input pulses
meets the minimum retrigger time.
If CEXT > 10 pF, the next formula (at VCC = 5.0 V) for the set-up time of a retrigger pulse is valid:
trt =30 + 0.19 × REXT × CEXT0.9 + 13 × REXT1.05 (typ.)
where, trt
= retrigger time in ns;
CEXT = external capacitor in pF;
REXT = external resistor in kΩ.
The inherent test jig and pin capacitance at pins 15 and 7 (nREXT/CEXT) is 7 pF.
3. When the device is powered-up, initiate the device via a reset pulse, when CEXT < 50 pF.
AC WAVEFORMS
Fig.7 Output pulse control using retrigger pulse; nRD = HIGH.
Fig.8 Output pulse control using reset input nRD; nA = LOW.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com