Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HPW Datasheet(PDF) 1 Page - Samtec, Inc

Part # HPW
Description  FLEXIBLE POWER SYSTEMS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMTEC [Samtec, Inc]
Direct Link  http://www.samtec.com/
Logo SAMTEC - Samtec, Inc

HPW Datasheet(HTML) 1 Page - Samtec, Inc

  HPW Datasheet HTML 1Page - Samtec, Inc HPW Datasheet HTML 2Page - Samtec, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
• Board-to-board and discrete wire cable systems
• Power Mate® system with polarized guide posts
• Mini Mate® system with reliable Tiger Buy™ contacts
• Individually shrouded contacts
• Elevated stack heights
• Optional polarization
• Vertical and right-angle for parallel, perpendicular
and coplanar applications
• Rugged metal or plastic latching systems
• Cable components and tooling available
KEY SPECIFICATIONS
FEATURES & BENEFITS
FLEXIBLE
POWER SYSTEMS
Selectively loading contacts achieves
customer specific creepage and
clearance requrements.
samtec.com/minimate or samtec.com/powermate
Unless otherwise approved in writing by Samtec, all parts and components are designed and built according to Samtec’s specifications which are subject to change without notice.
SERIES
IPT1/IPS1
IPBT/IPBS
HPM/HPW/HPF
FWJ/HFWJ/FHP
PITCH
(2.54 mm) .100"
(4.19 mm) .165"
(5.08 mm) .200"
(3.96 mm) .156"
CCC (1 PIN)*
5.9 A
10.3 A /pin (2 pins powered)
16.6 A
13.1 A
CCC (2 PINS)*
4.8 A
8.4 A/pin (4 pins powered)
14.4 A
11.2 A
CCC (3 PINS)*
4.1 A
7.6 A/pin (6 pins powered)
13.2 A
10.3 A
CREEPAGE
(2.54 mm) .100"
(4.27 mm) .168"
(3.94 mm) .155"
(3.92 mm) .154"
CLEARANCE
(1.91 mm) .075"
(3.05 mm) .120"
(3.94 mm) .155"
(2.82 mm) .111"
VAC
775
400
850
600
VDC
1095
565
1200
845
CYCLES
1000 (MFG Tested)
100
100
100
F-221


Similar Part No. - HPW

ManufacturerPart #DatasheetDescription
logo
Ohmite Mfg. Co.
HPW OHMITE-HPW Datasheet
310Kb / 2P
High Precision Welded Axial and Radial
logo
EUROQUARTZ limited
HPW14 EUROQUARTZ-HPW14 Datasheet
209Kb / 1P
14 pin Dual-in-Line
HPW576 EUROQUARTZ-HPW576 Datasheet
379Kb / 1P
7x5mm SMD 6 pad
HPW62 EUROQUARTZ-HPW62 Datasheet
231Kb / 1P
11.4 x 9.6mm SMD 6 pad
logo
List of Unclassifed Man...
HPW7095 ETC1-HPW7095 Datasheet
350Kb / 23P
6-Channel DC/DC Converter Control IC
More results

Similar Description - HPW

ManufacturerPart #DatasheetDescription
logo
Synaptics Incorporated.
CX20703 CONEXANT-CX20703 Datasheet
260Kb / 2P
Flexible power management
CX20704 CONEXANT-CX20704 Datasheet
647Kb / 2P
Flexible power management
CX20707 CONEXANT-CX20707 Datasheet
651Kb / 2P
Flexible power management
logo
Silicon Laboratories
TS1105 SILABS-TS1105 Datasheet
1Mb / 19P
Power Management Systems
TS1107 SILABS-TS1107 Datasheet
1Mb / 22P
Power Management Systems
logo
ETAL Group
PDB-P-L ETAL-PDB-P-L Datasheet
1Mb / 12P
Flexible Power-D-Box
logo
Silicon Laboratories
TS1103 SILABS-TS1103 Datasheet
1Mb / 12P
Power Management Systems
logo
Shenzhen Huazhimei Semi...
HM1593 HMSEMI-HM1593 Datasheet
984Kb / 7P
Distributed Power Systems
logo
Samtec, Inc
UPT-06-01-01-L-RA-LC SAMTEC-UPT-06-01-01-L-RA-LC Datasheet
583Kb / 2P
HIGH-POWER SYSTEMS
logo
Infineon Technologies A...
IRPS5401 INFINEON-IRPS5401 Datasheet
1Mb / 62P
Flexible Power Management Unit
V 2.8 2022-07-06
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com