Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74HC42DB Datasheet(PDF) 2 Page - NXP Semiconductors

Part # 74HC42DB
Description  BCD to decimal decoder 1-of-10
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74HC42DB Datasheet(HTML) 2 Page - NXP Semiconductors

  74HC42DB Datasheet HTML 1Page - NXP Semiconductors 74HC42DB Datasheet HTML 2Page - NXP Semiconductors 74HC42DB Datasheet HTML 3Page - NXP Semiconductors 74HC42DB Datasheet HTML 4Page - NXP Semiconductors 74HC42DB Datasheet HTML 5Page - NXP Semiconductors 74HC42DB Datasheet HTML 6Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
December 1990
2
Philips Semiconductors
Product specification
BCD to decimal decoder (1-of-10)
74HC/HCT42
FEATURES
• Mutually exclusive outputs
• 1-of-8 demultiplexing capability
• Outputs disabled for input codes above nine
• Output capability: standard
• ICC category: MSI
GENERAL DESCRIPTION
The 74HC/HCT42 are high-speed Si-gate CMOS devices
and are pin compatible with low power Schottky TTL
(LSTTL). They are specified in compliance with JEDEC
standard no. 7A.
The 74HC/HCT42 decoders accept four active HIGH BCD
inputs and provide 10 mutually exclusive active LOW
outputs. The active LOW outputs facilitate addressing
other MSI circuits with active LOW input enables.
The logic design of the “42” ensures that all outputs are
HIGH when binary codes greater than nine are applied to
the inputs.
The most significant input (A3) produces an useful inhibit
function when the “42” is used as a 1-of-8 decoder. The A3
input can also be used as the data input in an 8-output
demultiplexer application.
QUICK REFERENCE DATA
GND = 0 V; Tamb =25 °C; tr =tf = 6 ns
Notes
1. CPD is used to determine the dynamic power dissipation (PD in µW):
PD =CPD × VCC2 × fi +∑ (CL × VCC2 × fo) where:
fi = input frequency in MHz
fo = output frequency in MHz
∑ (CL × VCC2 × fo) = sum of outputs
CL = output load capacitance in pF
VCC = supply voltage in V
2. For HC the condition is VI = GND to VCC
For HCT the condition is VI = GND to VCC − 1.5 V
ORDERING INFORMATION
See
“74HC/HCT/HCU/HCMOS Logic Package Information”.
SYMBOL
PARAMETER
CONDITIONS
TYPICAL
UNIT
HC
HCT
tPHL/ tPLH
propagation delay An to Yn
CL = 15 pF; VCC = 5 V
14
17
ns
CI
input capacitance
3.5
3.5
pF
CPD
power dissipation capacitance per package
notes 1 and 2
37
37
pF



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com