Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STE2004 Datasheet(PDF) 34 Page - STMicroelectronics

Part # STE2004
Description  102 X 65 SINGLE CHIP LCD CONTROLLER / DRIVER
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STE2004 Datasheet(HTML) 34 Page - STMicroelectronics

Back Button STE2004 Datasheet HTML 30Page - STMicroelectronics STE2004 Datasheet HTML 31Page - STMicroelectronics STE2004 Datasheet HTML 32Page - STMicroelectronics STE2004 Datasheet HTML 33Page - STMicroelectronics STE2004 Datasheet HTML 34Page - STMicroelectronics STE2004 Datasheet HTML 35Page - STMicroelectronics STE2004 Datasheet HTML 36Page - STMicroelectronics STE2004 Datasheet HTML 37Page - STMicroelectronics STE2004 Datasheet HTML 38Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 66 page
background image
STE2004
34/66
4.3 Parallel Interface
The STE2004 selectable parallel Interfaces are 68000-series and 8080-series. They are both an 8-bits bi-
directional link between the display driver and the application supervisor.
Throughout both parallel interfaces can be read the I2C driver slave address or the Status Byte.
4.3.1 68000-series parallel interface
If CS is low after the positive edge of RES, the 68000 parallel interface is ready to receive or transmit data.
While CS pin is high the 68000 Parallel interface is kept in reset.
4.3.2 Write Mode
If R/W line is set to 0 Data are latched on E falling edge.
4.3.3 Read Mode
When R/W line is set to 1, data are output on D0-D7 bus on E rising edge. Data Bus is set in high imped-
ance mode when E is set to logic 0.
Accordingly to R bit value I2C Address or Status Byte is output on D0-D7 bus.
Figure 45. 68000-series Parallel interface protocol - one byte transmission
Figure 46. 68000-series Parallel interface bus protocol - Several bytes transmission
D/C
CS
D0
to
D7
E
R/W
LR0004
D/C
CS
D0
to
D7
E
R/W
LR0081



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com