Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STE2004DIE1 Datasheet(PDF) 35 Page - STMicroelectronics

Part # STE2004DIE1
Description  102 X 65 SINGLE CHIP LCD CONTROLLER / DRIVER
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STE2004DIE1 Datasheet(HTML) 35 Page - STMicroelectronics

Back Button STE2004DIE1 Datasheet HTML 31Page - STMicroelectronics STE2004DIE1 Datasheet HTML 32Page - STMicroelectronics STE2004DIE1 Datasheet HTML 33Page - STMicroelectronics STE2004DIE1 Datasheet HTML 34Page - STMicroelectronics STE2004DIE1 Datasheet HTML 35Page - STMicroelectronics STE2004DIE1 Datasheet HTML 36Page - STMicroelectronics STE2004DIE1 Datasheet HTML 37Page - STMicroelectronics STE2004DIE1 Datasheet HTML 38Page - STMicroelectronics STE2004DIE1 Datasheet HTML 39Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 66 page
background image
35/66
STE2004
Figure 47. 68000-series Parallel interface protocol in Reading Mode
Figure 48. 68000-series Parallel interface protocol in Reading Mode (Several Bytes)
4.3.4 8080-series parallel interface
If CS is low after the positive edge of RES, the 8080 parallel interface is ready to receive or transmit data.
While CS pin is high the 8080 Parallel interface is kept in reset.
Write Mode
Data are latched on WR rising edge.
Read Mode
Data are output on D0-D7 bus on RD rising edge. Data Bus is set in high impedance mode when RD is set to
logic 1.
Accordingly to R bit value I2C Address or Status Byte is output on D0-D7 bus.
Figure 49. 8080-series parallel bus protocol - one byte transmission
D/C
CS
D0
to
D7
E
R/W
LR0082
D/C
CS
D0
to
D7
E
R/W
LR0046
Note 1) Data Bus is configured in high impedence mode after evry RD rising edge
2) Always the same data is output on D0-D7
D/C
CS
D0
to
D7
WR
RD
LR0083



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com