Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74HC423DB Datasheet(PDF) 3 Page - NXP Semiconductors

Part # 74HC423DB
Description  Dual retriggerable monostable multivibrator with reset
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74HC423DB Datasheet(HTML) 3 Page - NXP Semiconductors

  74HC423DB Datasheet HTML 1Page - NXP Semiconductors 74HC423DB Datasheet HTML 2Page - NXP Semiconductors 74HC423DB Datasheet HTML 3Page - NXP Semiconductors 74HC423DB Datasheet HTML 4Page - NXP Semiconductors 74HC423DB Datasheet HTML 5Page - NXP Semiconductors 74HC423DB Datasheet HTML 6Page - NXP Semiconductors 74HC423DB Datasheet HTML 7Page - NXP Semiconductors 74HC423DB Datasheet HTML 8Page - NXP Semiconductors 74HC423DB Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
1998 Jul 08
3
Philips Semiconductors
Product specification
Dual retriggerable monostable
multivibrator with reset
74HC/HCT423
ORDERING INFORMATION
PIN DESCRIPTION
TYPE
NUMBER
PACKAGE
NAME
DESCRIPTION
VERSION
74HC423N;
74HCT423N
DIP16
plastic dual in-line package; 16 leads (300 mil); long body
SOT38-1
74HC423D;
74HCT423D
SO16
plastic small outline package; 16 leads; body width 3.9 mm;
low stand-off height
SOT109-1
PIN NO.
SYMBOL
NAME AND FUNCTION
1, 9
1A, 2A
trigger inputs (negative-edge triggered)
2, 10
1B, 2B
trigger inputs (positive-edge triggered)
3, 11
1RD,2RD
direct reset action (active LOW)
4, 12
1Q, 2Q
outputs (active LOW)
72REXT/CEXT
external resistor/capacitor connection
8
GND
ground (0 V)
13, 5
1Q, 2Q
outputs (active HIGH)
14, 6
1CEXT,2CEXT
external capacitor connection
15
1REXT/CEXT
external resistor/capacitor connection
16
VCC
positive supply voltage
Fig.1 Pin configuration.
Fig.2
Fig.3 IEC logic symbol.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com