Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC1666CG Datasheet(PDF) 1 Page - Linear Technology

Part # LTC1666CG
Description  12-Bit, 14-Bit, 16-Bit, 50Msps DACs
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1666CG Datasheet(HTML) 1 Page - Linear Technology

  LTC1666CG Datasheet HTML 1Page - Linear Technology LTC1666CG Datasheet HTML 2Page - Linear Technology LTC1666CG Datasheet HTML 3Page - Linear Technology LTC1666CG Datasheet HTML 4Page - Linear Technology LTC1666CG Datasheet HTML 5Page - Linear Technology LTC1666CG Datasheet HTML 6Page - Linear Technology LTC1666CG Datasheet HTML 7Page - Linear Technology LTC1666CG Datasheet HTML 8Page - Linear Technology LTC1666CG Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
1
LTC1666/LTC1667/LTC1668
APPLICATIO S
FEATURES
DESCRIPTIO
TYPICAL APPLICATION
12-Bit, 14-Bit, 16-Bit,
50Msps DACs
s
50Msps Update Rate
s
Pin Compatible 12-Bit, 14-Bit and 16-Bit Devices
s
High Spectral Purity: 87dB SFDR at 1MHz fOUT
s
5pV-s Glitch Impulse
s
Differential Current Outputs
s
20ns Settling Time
s
Low Power: 180mW from
±5V Supplies
s
TTL/CMOS (3.3V or 5V) Inputs
s
Small Package: 28-Pin SSOP
The LTC
®1666/LTC1667/LTC1668 are 12-/14-/16-bit,
50Msps differential current output DACs implemented on
a high performance BiCMOS process with laser trimmed,
thin-film resistors. The combination of a novel current-
steering architecture and a high performance process
produces DACs with exceptional AC and DC performance.
The LTC1668 is the first 16-bit DAC in the marketplace to
exhibit an SFDR (spurious free dynamic range) of 87dB
for an output signal frequency of 1MHz.
Operating from
±5V supplies, the LTC1666/LTC1667/
LTC1668 can be configured to provide full-scale output
currents up to 10mA. The differential current outputs of
the DACs allow single-ended or true differential operation.
The – 1V to 1V output compliance of the LTC1666/
LTC1667/LTC1668 allows the outputs to be connected
directly to external resistors to produce a differential out-
put voltage without degrading the converter’s linearity. Al-
ternatively, the outputs can be connected to the summing
junction of a high speed operational amplifier, or to a
transformer.
The LTC1666/LTC1667/LTC1668 are pin compatible and
are available in a 28-pin SSOP and are fully specified over
the industrial temperature range.
, LTC and LT are registered trademarks of Linear Technology Corporation.
s
Cellular Base Stations
s
Multicarrier Base Stations
s
Wireless Communication
s
Direct Digital Synthesis (DDS)
s
xDSL Modems
s
Arbitrary Waveform Generation
s
Automated Test Equipment
s
Instrumentation
LTC1668, 16-Bit, 50Msps DAC
+
VSS
VDD
–5V
CLOCK
INPUT
16-BIT DATA
INPUT
LADCOM
AGND DGND
CLK
DB15
DB0
1666/7/8 TA01
IOUT A
0.1
µF
LTC1668
5V
52.3
IREFIN
REFOUT
COMP1
COMP2
C2
0.1
µF
0.1
µF
C1
0.1
µF
RSET
2k
IOUT B
52.3
VOUT
1VP-P
DIFFERENTIAL
+
0.1
µF
16-BIT
HIGH SPEED
DAC
2.5V
REFERENCE
LTC1668 SFDR vs fOUT and fCLOCK
fOUT (MHz)
0.1
100
90
80
70
60
50
1.0
10
100
1666/7/8 G05
5MSPS
25MSPS
50MSPS
DIGITAL AMPLITUDE = 0dBFS


Similar Part No. - LTC1666CG

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1666 LINER-LTC1666 Datasheet
648Kb / 22P
Serial 12-Bit/14-Bit, 2.8Msps
LTC1666 LINER-LTC1666 Datasheet
358Kb / 18P
Serial 12-Bit/14-Bit, 3.5Msps
LTC1666 LINER-LTC1666 Datasheet
1Mb / 54P
16-/14-/11-Bit 2.7Gsps DACs
LTC1666 LINER-LTC1666_15 Datasheet
887Kb / 24P
12-Bit, 14-Bit, 16-Bit, 50Msps DACs
More results

Similar Description - LTC1666CG

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1668 LINER-LTC1668 Datasheet
728Kb / 16P
16-Bit, 50Msps DAC
LTC1743 LINER-LTC1743 Datasheet
517Kb / 24P
12-Bit, 50Msps ADC
LTC1744 LINER-LTC1744 Datasheet
548Kb / 24P
14-Bit, 50Msps ADC
LTC1743 LINER-LTC1743_15 Datasheet
517Kb / 24P
12-Bit, 50Msps ADC
LTC1744 LINER-LTC1744_15 Datasheet
548Kb / 24P
14-Bit, 50Msps ADC
LTC1666 LINER-LTC1666_15 Datasheet
887Kb / 24P
12-Bit, 14-Bit, 16-Bit, 50Msps DACs
LTC1667 LINER-LTC1667_15 Datasheet
887Kb / 24P
12-Bit, 14-Bit, 16-Bit, 50Msps DACs
LTC1668 LINER-LTC1668_15 Datasheet
887Kb / 24P
12-Bit, 14-Bit, 16-Bit, 50Msps DACs
LTC2641 LINER-LTC2641_15 Datasheet
304Kb / 24P
16-/14-/12-Bit VOUT DACs
LTC2642 LINER-LTC2642_15 Datasheet
304Kb / 24P
16-/14-/12-Bit VOUT DACs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com