Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RHFL4913ESY151 Datasheet(PDF) 13 Page - STMicroelectronics

Part # RHFL4913ESY151
Description  1.5 V rad-hard positive fixed voltage regulator
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RHFL4913ESY151 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button RHFL4913ESY151 Datasheet HTML 9Page - STMicroelectronics RHFL4913ESY151 Datasheet HTML 10Page - STMicroelectronics RHFL4913ESY151 Datasheet HTML 11Page - STMicroelectronics RHFL4913ESY151 Datasheet HTML 12Page - STMicroelectronics RHFL4913ESY151 Datasheet HTML 13Page - STMicroelectronics RHFL4913ESY151 Datasheet HTML 14Page - STMicroelectronics RHFL4913ESY151 Datasheet HTML 15Page - STMicroelectronics RHFL4913ESY151 Datasheet HTML 16Page - STMicroelectronics RHFL4913ESY151 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 32 page
background image
RHFL4913XX15
Radiation performance
DocID028784 Rev 1
13/32
Table 8: Test configuration
Test mode
Test configuration
SET
Configuration 1
(47 μF+100 nF set of capacitors in each output port):
- CIN1
= 100 μF tantalum, ESR < 30 mΩ
- COUT1 = COUT2 =
47 μF tantalum, < 30 mΩ
- CIN2 = COUT4 = COUT5 = 100 nF polyester(1)
- Cbyp = 10 nF polyester(1)
- Risc
= 40 kΩ (to achieve 2 A current limit)
Configuration 2
- CIN1 = COUT1
= 220 μF tantalum, ESR < 30 mΩ
- COUT2 = not connected
- CIN2= COUT4 = 100 nF polyester (1)
- COUT5 = not connected
- Cbyp = 10 nF polyester (1)
- Risc
= 40 kΩ (to achieve 2 A current limit)
SEL
SEL configuration
- CIN1
= 100 μF tantalum, ESR < 30 mΩ
- COUT1 = COUT2
= 47 μF tantalum, ESR < 30 mΩ
- CIN2 = COUT4 = COUT5 = 100 nF polyester (1)
- Cbyp = 10 nF polyester (1)
- Risc
= 40 kΩ (2 A current limit)
Notes:
(1)Order code: CDR04BX104AKWS, manufactured by AVX.
5.3
Guidelines for SET mitigation
This section provides a detailed description of possible solutions, which protect the load
against the SET. In this respect, there are two main areas of intervention: ground
connection and external component selection.
5.3.1
Ground connections
To achieve the best performance of output voltage accuracy, noise immunity and
robustness against single event effects, a proper PCB layout has to be developed, by
following below indications.
According to qualitative simulations of single event, some very short SET (i.e. those having
duration within 100 ns range) are strongly dependent on the stray inductances versus
GND. The best solution to reduce the parasitic inductance is the adoption of a GND plane
(with separate power and sense paths where possible). By minimizing the stray GND
impedance, a better control of the SET amplitude (near to the load) can be achieved.
If this solution is not applicable, a star-bus topology could be used, where the PCB
reference GND connection is close to the GND pin of the regulator.
To achieve a good GND sense, the following rules have to be met:
The regulator GND pin and load GND node have to be connected to the sense and
power GND traces on the PCB , using vias to minimize the path
An array of multiple via structures works better if compared to a single via
GND connectors/plugs: separate plugs have to be used for power supply and testing
probes
Input/output capacitor GND terminals have to be connected to GND sense on PCB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com