Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STPS20M100S Datasheet(PDF) 10 Page - STMicroelectronics

Part # STPS20M100S
Description  100 V, 20 A power Schottky rectifier
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS20M100S Datasheet(HTML) 10 Page - STMicroelectronics

Back Button STPS20M100S_V01 Datasheet HTML 6Page - STMicroelectronics STPS20M100S_V01 Datasheet HTML 7Page - STMicroelectronics STPS20M100S_V01 Datasheet HTML 8Page - STMicroelectronics STPS20M100S_V01 Datasheet HTML 9Page - STMicroelectronics STPS20M100S_V01 Datasheet HTML 10Page - STMicroelectronics STPS20M100S_V01 Datasheet HTML 11Page - STMicroelectronics STPS20M100S_V01 Datasheet HTML 12Page - STMicroelectronics STPS20M100S_V01 Datasheet HTML 13Page - STMicroelectronics STPS20M100S_V01 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
Table 6. I²PAK package mechanical data
Ref.
Dimensions
Millimeters
Inches (for reference only)
Min.
Max.
Min.
Max.
A
4.40
4.60
0.173
0.181
A1
2.40
2.72
0.094
0.107
b
0.61
0.88
0.024
0.035
b1
1.14
1.70
0.044
0.067
c
0.49
0.70
0.019
0.028
c2
1.23
1.32
0.048
0.052
D
8.95
9.35
0.352
0.368
e
2.40
2.70
0.094
0.106
e1
4.95
5.15
0.195
0.203
E
10.00
10.40
0.394
0.409
L
13.00
14.00
0.512
0.551
L1
3.50
3.93
0.138
0.155
L2
1.27
1.40
0.050
0.055
STPS20M100S
I²PAK package information
DS6169 - Rev 5
page 10/15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com