Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA7560H Datasheet(PDF) 13 Page - STMicroelectronics

Part # TDA7560H
Description  4 x 51 W quad bridge car radio amplifier
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7560H Datasheet(HTML) 13 Page - STMicroelectronics

Back Button TDA7560H Datasheet HTML 9Page - STMicroelectronics TDA7560H Datasheet HTML 10Page - STMicroelectronics TDA7560H Datasheet HTML 11Page - STMicroelectronics TDA7560H Datasheet HTML 12Page - STMicroelectronics TDA7560H Datasheet HTML 13Page - STMicroelectronics TDA7560H Datasheet HTML 14Page - STMicroelectronics TDA7560H Datasheet HTML 15Page - STMicroelectronics TDA7560H Datasheet HTML 16Page - STMicroelectronics TDA7560H Datasheet HTML 17Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
TDA7560
Application hints
Doc ID 6886 Rev 6
13/17
3
Application hints
(ref. to the circuit of Figure 3)
3.1
SVR
Besides its contribution to the ripple rejection, the SVR capacitor governs the turn ON/OFF
time sequence and, consequently, plays an essential role in the pop optimization during
ON/OFF transients.To conveniently serve both needs, ITS MINIMUM RECOMMENDED
VALUE IS 10 µF.
3.2
Input stage
The TDA7560's inputs are ground-compatible and can stand very high input signals
(±8 Vpk) without any performances degradation.
If the standard value for the input capacitors (0.1µF) is adopted, the low frequency cut-off
will amount to 16 Hz.
3.3
Standby and muting
Standby and Muting facilities are both CMOS-compatible. In absence of true CMOS ports or
microprocessors, a direct connection to Vs of these two pins is admissible but a 470 kOhm
equivalent resistance should be present between the power supply and the muting and
ST-BY pins.
R-C cells have always to be used in order to smooth down the transitions for preventing any
audible transient noises.
About the standby, the time constant to be assigned in order to obtain a virtually pop-free
transition has to be slower than 2.5 V/ms.
3.4
DC offset detector
The TDA7560 integrates a DC offset detector to avoid that an anomalous DC offset on the
inputs of the amplifier may be multiplied by the gain and result in a dangerous large offset on
the outputs which may lead to speakers damage for overheating. The feature is enabled by
the MUTE pin (according to Table 4) and works with the amplifier unmuted and with no
signal on the inputs.
The DC offset detection is signaled out on the HSD pin. To ensure the correct functionality of
the Offset Detector it is necessary to connect a pulldown 10 k
 resistor between HSD and
ground.
3.5
Heatsink definition
Under normal usage (4 Ohm speakers) the heatsink's thermal requirements have to be
deduced from Figure 17, which reports the simulated power dissipation when real
music/speech programmes are played out. Noise with gaussian-distributed amplitude was
employed for this simulation. Based on that, frequent clipping occurrence (worst-case) will
cause Pdiss = 26 W. Assuming Tamb = 70 °C and TCHIP = 150 °C as boundary conditions, the
heatsink's thermal resistance should be approximately 2 °C/W. This would avoid any
thermal shutdown occurrence even after long-term and full-volume operation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com