Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74HC4543 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # 74HC4543
Description  BCD to 7-segment latch/decoder/driver for LCDs
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74HC4543 Datasheet(HTML) 3 Page - NXP Semiconductors

  74HC4543 Datasheet HTML 1Page - NXP Semiconductors 74HC4543 Datasheet HTML 2Page - NXP Semiconductors 74HC4543 Datasheet HTML 3Page - NXP Semiconductors 74HC4543 Datasheet HTML 4Page - NXP Semiconductors 74HC4543 Datasheet HTML 5Page - NXP Semiconductors 74HC4543 Datasheet HTML 6Page - NXP Semiconductors 74HC4543 Datasheet HTML 7Page - NXP Semiconductors 74HC4543 Datasheet HTML 8Page - NXP Semiconductors 74HC4543 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
December 1990
3
Philips Semiconductors
Product specification
BCD to 7-segment latch/decoder/driver for
LCDs
74HC/HCT4543
PIN DESCRIPTION
PIN NO.
SYMBOL
NAME AND FUNCTION
1
LD
latch disable input (active HIGH)
5, 3, 2, 4
D0 to D3
address (data) inputs
6
PH
phase input (active HIGH)
7
BI
blanking input (active HIGH)
8
GND
ground (0 V)
9, 10, 11, 12, 13, 15, 14
Qa to Qg
segment outputs
16
VCC
positive supply voltage
Fig.1 Pin configuration.
Fig.2 Logic symbol.
Fig.3 IEC logic symbol.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com