Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISO721 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # ISO721
Description  3.3-V / 5-V HIGH-SPEED DIGITAL ISOLATORS
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ISO721 Datasheet(HTML) 8 Page - Texas Instruments

Back Button ISO721 Datasheet HTML 4Page - Texas Instruments ISO721 Datasheet HTML 5Page - Texas Instruments ISO721 Datasheet HTML 6Page - Texas Instruments ISO721 Datasheet HTML 7Page - Texas Instruments ISO721 Datasheet HTML 8Page - Texas Instruments ISO721 Datasheet HTML 9Page - Texas Instruments ISO721 Datasheet HTML 10Page - Texas Instruments ISO721 Datasheet HTML 11Page - Texas Instruments ISO721 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 22 page
background image
www.ti.com
PARAMETER MEASUREMENT INFORMATION
IN
OUT
ISO722
and
ISO722M
EN
VO
+
-
+
-
VO
VI
IO
Input
Generator
VI
NOTE A
tf
tr
50%
0 V
50%
VOH
VOL
50 W
tPHL
tPLH
V
/2
CC1
V
/2
CC1
VCC1
90%
10%
C
Note B
L
Input
Generator
NOTE A
50 W
OUT
EN
IN
3 V
0 V
0 V
50%
0.5 V
VOH
CL
NOTE B
R = 1 k
1 %
L
W ±
tPZH
VO
VO
V
/2
CC2
V
/2
CC2
tPHZ
VCC2
VI
+
-
VI
VCC2
VO
OUT
EN
IN
0 V
0 V
VO
VI
0.5 V
VOL
50%
C
NOTE B
L
R = 1 k
1%
L
W ±
50 W
VCC2
VCC2
V
/2
CC2
V
/2
CC2
tPZL
tPLZ
Input
Generator
NOTE A
+
-
VI
ISO721, ISO721M
ISO722, ISO722M
SLLS629B – JANUARY 2006 – REVISED MAY 2006
Figure 1. Switching Characteristic Test Circuit and Voltage Waveforms
Figure 2. ISO722 Sleep-Mode High-Level Output Test Circuit and Voltage Waveforms
Figure 3. ISO722 Sleep-Mode Low-Level Output Test Circuit and Voltage Waveforms
NOTE:
A: The input pulse is supplied by a generator having the following characteristics:
•
PRR
≤ 50 kHz, 50% duty cycle, t
r ≤ 3 ns, tf ≤ 3 ns, ZO = 50 Ω.
B: CL = 15 pF and includes instrumentation and fixture capacitance within ±20%.
8
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com