Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMB150CA Datasheet(PDF) 2 Page - Lite-On Technology Corporation

Part # SMB150CA
Description  SURFACE MOUNT UNIDIRECTIONAL AND BIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSORS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITEON [Lite-On Technology Corporation]
Direct Link  http://www.liteon.com.tw/databook/default.htm
Logo LITEON - Lite-On Technology Corporation

SMB150CA Datasheet(HTML) 2 Page - Lite-On Technology Corporation

  SMB150CA Datasheet HTML 1Page - Lite-On Technology Corporation SMB150CA Datasheet HTML 2Page - Lite-On Technology Corporation SMB150CA Datasheet HTML 3Page - Lite-On Technology Corporation SMB150CA Datasheet HTML 4Page - Lite-On Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
LITE ON
RATING AND CHARACTERISTIC CURVES
SMB SERIES
FIG.1 - PULSE DERATING CURVE
25
75
100
125
150
0
50
50
100
0
175
75
25
200
AMBIENT TEMPERATURE, C
10 X 1000 WAVEFORM AS
DEFINED BY R.E.A.
FIG.6 - STEADY STATE POWER DERATING CURVE
TL, LEAD TEMPERATURE
25
75
100
125
150
0.0
50
0
175
200
1.0
2.0
3.0
4.0
5.0
60Hz RESISTIVE OR
INDUCTIVE LOAD
FIG.3 - PULSE WAVEFORM
0
0
T, TIME ( ms )
50
100
1.0
2.0
3.0
4.0
TR=10us
Peak value (IRSM)
TP
TJ=25 C
IRSM
2
Half value=
FIG.2 - MAXIMUM NON-REPETITIVE SURGE CURRENT
NUMBER OF CYCLES AT 60Hz
1
5
10
50
100
2
20
0
20
Pulse Width 8.3ms
Single Half-Sine-Wave
(JEDEC METHOD)
40
60
80
100
120
10 x 1000 waveform as
defined by R.E.A.
Pulse width (TP) is defined
as that point where the
peak current decays to
50% of IRSM
FIG.4 - TYPICAL JUNCTION CAPACITANCE
STAND-OFF VOLTAGE, VOLTS
10
1
100
10000
1000
100
10
1000
Bi-directional
TJ = 25 C
Uni-directional
FIG.5 - PULSE RATING CURVE
TP, PULSE WIDTH
0.1
1.0
10
0.1us
1.0us
10us
100us
1.0ms
10ms
100
TA=150 C
5.0mm LEAD AREAS
NON-REPETITIVE
PULSE WAVEFORM
SHOWN IN FIG 3.
REV. 1, 24-May-2000



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com