Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MM54HC620 Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # MM54HC620
Description  Octal TRI-STATE Transceiver
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

MM54HC620 Datasheet(HTML) 3 Page - National Semiconductor (TI)

  MM54HC620 Datasheet HTML 1Page - National Semiconductor (TI) MM54HC620 Datasheet HTML 2Page - National Semiconductor (TI) MM54HC620 Datasheet HTML 3Page - National Semiconductor (TI) MM54HC620 Datasheet HTML 4Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
AC Electrical Characteristics VCC e 5V TA e 25 C tr e tf e 6ns
Symbol
Parameter
Conditions
Typ
Guaranteed
Units
Limit
tPHL tPLH
Maximum Propagation Delay
CL e 45 pF
15
ns
tPZH tPZL
Maximum Output Enable Time
RL e 1kX
31
ns
CL e 45 pF
tPHZ tPLZ
Maximum Output Disable Time
RL e 1kX
18
ns
CL e 5pF
AC Electrical Characteristics VCC e 20V to 60V CL e 50 pF tr e tf e 6 ns unless otherwise specified
TA e 25 C
74HC
54HC
Symbol
Parameter
Conditions
VCC
TA eb40 Cto a85 CTA eb55 Cto a125 C Units
Typ
Guaranteed Limits
tPHL
Maximum Propagation CLe50 pF
20V
85
105
130
ns
tPLH
Delay
CLe150 pF
20V
105
130
160
ns
CLe50 pF
45V
17
21
26
ns
CLe150 pF
45V
21
26
32
ns
CLe50 pF
60V
14
18
22
ns
CLe150 pF
60V
18
22
27
ns
tPZH
Maximum Output
RLe1kX
tPZL
Enable
CLe50 pF
20V
170
215
255
ns
CLe150 pF
20V
195
245
295
ns
CLe50 pF
45V
34
43
51
ns
CLe150 pF
45V
39
49
59
ns
CLe50 pF
60V
29
37
43
ns
CLe150 pF
60V
33
42
50
ns
tPHZ
Maximum Output
RLe1kX
20V
130
165
195
ns
tPLZ
Disable Time
CLe50 pF
45V
26
33
39
ns
60V
22
28
33
ns
tTHL
Output Rise and
CLe50 pF
20V
60
75
90
ns
tTLH
Fall Time
45V
12
15
18
ns
60V
10
13
15
ns
CPD
Power Dissipation
GBA GABeVIL
120
pF
Capacitance (Note 5)
GBAeVIH GABeVIL
12
pF
CIN
Maximum Input
5
10
10
10
pF
Capacitance
CINOUT Maximum InputOutput
15
20
20
20
pF
Capacitance A or B
Note 5
CPD determines the no load dynamic power consumption PDeCPD VCC2 faICC VCC and the no load dynamic current consumption ISeCPD VCC faICC
3



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com