Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MM74HC623 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # MM74HC623
Description  Octal TRI-STATE Transceiver
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

MM74HC623 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  MM74HC623 Datasheet HTML 1Page - National Semiconductor (TI) MM74HC623 Datasheet HTML 2Page - National Semiconductor (TI) MM74HC623 Datasheet HTML 3Page - National Semiconductor (TI) MM74HC623 Datasheet HTML 4Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
TLF9393
March 1988
MM54HC620MM74HC620 Inverting
Octal TRI-STATE
Transceiver
MM54HC623MM74HC623 True
Octal TRI-STATE Transceiver
General Description
These TRI-STATE bi-directional buffers utilize advanced sili-
con-gate CMOS technology and are intended for two-way
asynchronous communication between data buses They
have high drive current outputs which enable high speed
operation even when driving large bus capacitances These
circuits possess the low power consumption and high noise
immunity usually associated with CMOS circuitry yet have
speeds comparable to low power Schottky TTL circuits
These devices allow data transmission from the A bus to
the B bus or from the B bus to the A bus depending on the
logic levels at the enable inputs Both buses can be isolated
from each other with proper logic levels at the enable in-
puts When GAB is taken high and GBA is taken low these
devices store the states presently appearing at the data in-
puts The 8-bit codes appearing on the two sets of buses
will be indentical for the 623 option or complimentary for the
620 option
These devices can drive up to 15 LS-TTL loads All inputs
are protected from damage due to static discharge by di-
odes to VCC and ground
Features
Y
Typical propagation delays 13 ns
Y
Wide power supply range 2V – 6V
Y
Low quiescent supply current 80 mA
maximum (74HC series)
Y
TRI-STATE outputs for connection to system buses
Y
High output drive 6 mA (minimum)
Connection Diagrams
Dual-In-Line Package
TLF9393 – 1
Top View
Order Number MM54HC623 or MM74HC623
Truth Table
Enable Inputs
Operation
GBA
GAB
LL
B data to A bus
B data to A bus
HH
A data to B bus
A data to B bus
H
L
Isolation
Isolation
LL
B data to A bus
B data to A bus
A data to B bus
A data to B bus
Dual-In-Line Package
TLF9393 – 2
Top View
Order Number MM54HC620 or MM74HC620
TRI-STATE
is a registered trademark of National Semiconductor Corporation
C1995 National Semiconductor Corporation
RRD-B30M105Printed in U S A


Similar Part No. - MM74HC623

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
MM74HC640 NSC-MM74HC640 Datasheet
145Kb / 6P
Inverting Octal TRI-STATE Transceiver
MM74HC640J NSC-MM74HC640J Datasheet
145Kb / 6P
Inverting Octal TRI-STATE Transceiver
MM74HC640N NSC-MM74HC640N Datasheet
145Kb / 6P
Inverting Octal TRI-STATE Transceiver
MM74HC643 NSC-MM74HC643 Datasheet
145Kb / 6P
Inverting Octal TRI-STATE Transceiver
MM74HC643J NSC-MM74HC643J Datasheet
145Kb / 6P
Inverting Octal TRI-STATE Transceiver
More results

Similar Description - MM74HC623

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
54ABT245 NSC-54ABT245 Datasheet
261Kb / 10P
Octal Bidirectional Transceiver with TRI-STATE Outputs
54AC646 NSC-54AC646 Datasheet
193Kb / 10P
Octal Transceiver/Register with TRI-STATE Outputs
54F245DM NSC-54F245DM Datasheet
173Kb / 8P
Octal Bidirectional Transceiver with TRI-STATE Outputs
54FCT245 NSC-54FCT245 Datasheet
137Kb / 8P
Octal Bidirectional Transceiver with TRI-STATE Outputs
74LS245 NSC-74LS245 Datasheet
139Kb / 6P
TRI-STATE Octal Bus Transceiver
MM74HC245A NSC-MM74HC245A Datasheet
127Kb / 6P
Octal TRI-STATE Transceiver
MM54HCT640 NSC-MM54HCT640 Datasheet
140Kb / 4P
Inverting Octal TRI-STATE Transceiver
MM74HC640 NSC-MM74HC640 Datasheet
145Kb / 6P
Inverting Octal TRI-STATE Transceiver
74F2245 NSC-74F2245 Datasheet
112Kb / 6P
Octal Bidirectional Transceiver with TRI-STATE Outputs
54F646 NSC-54F646 Datasheet
216Kb / 12P
Octal Transceiver/Register with TRI-STATE Outputs
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com