Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PC74HC594P Datasheet(PDF) 3 Page - NXP Semiconductors

Part # PC74HC594P
Description  8-bit shift register with output register
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PC74HC594P Datasheet(HTML) 3 Page - NXP Semiconductors

  PC74HC594P Datasheet HTML 1Page - NXP Semiconductors PC74HC594P Datasheet HTML 2Page - NXP Semiconductors PC74HC594P Datasheet HTML 3Page - NXP Semiconductors PC74HC594P Datasheet HTML 4Page - NXP Semiconductors PC74HC594P Datasheet HTML 5Page - NXP Semiconductors PC74HC594P Datasheet HTML 6Page - NXP Semiconductors PC74HC594P Datasheet HTML 7Page - NXP Semiconductors PC74HC594P Datasheet HTML 8Page - NXP Semiconductors PC74HC594P Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
December 1991
3
Philips Semiconductors
Product specification
8-bit shift register with output register
74HC/HCT594
PINNING
SYMBOL
PIN
DESCRIPTION
Q0 to Q7
15 & 1 to 7
parallel data outputs
GND
8
ground (0 V)
Q7’
9
serial data output
SHR
10
shift register reset (active LOW)
SHCP
11
shift register clock input
STCP
12
storage register clock input
STR
13
storage register reset active (LOW)
Ds
14
serial data input
VCC
16
supply voltage
Fig.1 Logic symbol.
ge
MBC319
SH CP STCP
Q0
Q1
Q2
Q3
Q4
Q5
Q6
Q7
SH R ST R
D S
14
10
13
11
12
15
9
1
2
3
4
5
6
7
Q7'
Fig.2 Pin configuration.
ge
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
594
Q1
Q2
Q3
Q4
Q5
Q6
Q7
Q7'
Q 0
GND
SH R
SH CP
ST CP
ST R
D S
VCC
MBC318
Fig.3 IEC logic symbol.
halfpage
MBC322 - 1
SH CP
ST CP
Q0
Q1
Q2
Q3
Q4
Q5
Q 6
Q 7
SH R
ST R
DS
15
9
1
2
3
4
5
6
7
1D
2D
C1/
10
11
14
C2
12
13
2
R
SRG8
R 1
Q7'



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com