Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TCL Datasheet(PDF) 2 Page - TRACO Electronic AG

Part # TCL
Description  TCL Series, 24 to 240 Watt
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRACOPOWER [TRACO Electronic AG]
Direct Link  http://www.tracopower.com
Logo TRACOPOWER - TRACO Electronic AG

TCL Datasheet(HTML) 2 Page - TRACO Electronic AG

  TCL Datasheet HTML 1Page - TRACO Electronic AG TCL Datasheet HTML 2Page - TRACO Electronic AG TCL Datasheet HTML 3Page - TRACO Electronic AG TCL Datasheet HTML 4Page - TRACO Electronic AG TCL Datasheet HTML 5Page - TRACO Electronic AG TCL Datasheet HTML 6Page - TRACO Electronic AG  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
www.tracopower.com
Page 2 of 6
Industrial Power Supplies
TCL Series
24 to 240 Watt
Input Specifications
Input voltage range
85–264 VAC/85–375 VDC
TCL 240 model: 85–132/187–264 VAC autoselect (no DC input)
Output derating
– at operation between 85...93 VAC/85...130 VDC
15% for TCL 060 & TCL 120
20% for TCL 024-112 & TCL 024-124 & TCL 240
30% for TCL 024-105
Input frequency
47–63 Hz
Harmonic limits
EN 61000-3-2, Class A
Input current at full load (typ.) (115 VAC / 230 VAC)
TCL 024 models: 0.35 A / 0.2 A
TCL 060 models: 1.2 A / 0.6 A
TCL 120 models: 2.0 A / 1.0 A
TCL 240 model: 3.3 A / 1.7 A
Recommended circuit breaker
TCL 240 model: 10 A (characteristic C or slow blow fuse)
all other models: 5 A (characteristic C or slow blow fuse)
Output Specifications
Output voltage adjustable range
5.1 VDC model: 5.0 – 5.25 VDC
(potentiometer on frontpanel)
12 VDC models: 12 – 15 VDC (12 - 16 VDC for TCL 024-112)
24 VDC models: 24 – 28 VDC
48 VDC models: 48 – 56 VDC
Output regulation (10 to 90% load variation)
2.5 % (1 % for TCL 60-112)
Ripple and noise (20MHz bandwidth)
<50 mV pk-pk
Electronic short circuit protection
current limitation at 120 % typ.
(constant current, automatic recovery
TCL 24 models: foldback, automatic recovery)
Parallel operation
output current characteristic suitable for
parallel operation of max. 5 units
(not for TCL 240-124)
Overvoltage protection, trigger point
5.1 VDC model: <6.5 VDC
12/24 VDC models: <40 VDC
48 VDC models: <60 VDC
Hold-up time (115 VAC / 230 VAC)
min. 15 ms / min. 125 ms
TCL 240 model: min. 15 ms / min. 40 ms
Power OK signal (TCL 60, 120 & 240 models only)
trigger
output signal
point
(reference to – Vout)
12 VDC models: >11V
11.0 V ±1.0 V / 60 mA max.
24 VDC models: >22V
22.0 V ±2.0 V / 30 mA max.
48 VDC models: >44V
44.0 V ±4.0 V / 15 mA max.
General Specifications
Temperature ranges
– Operating
–10°C to +70°C max.
– Storage (non operating)
–25°C to +85°C
Temperature derating
– at 187...264 VAC or 265...375 VDC operation
1.7 %/K above +50°C
– at 93...132 VAC or 130...187 VDC operation
1.1 %/K above +40°C
– at 85...130 VDC operation
1.3 %/K above +30°C
Humidity (non condensing)
95 % rel. H max.
Temperature coefficient
0.02 %/K
Switching frequency
55 – 180 kHz depending on load
(frequency modulation)
Efficiency
88 % typ.
Isolation voltage
– I/O isolation voltage (60 s)
3000 VAC



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com