Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TML-20105C Datasheet(PDF) 4 Page - TRACO Electronic AG

Part # TML-20105C
Description  TML Series, 20&
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRACOPOWER [TRACO Electronic AG]
Direct Link  http://www.tracopower.com
Logo TRACOPOWER - TRACO Electronic AG

TML-20105C Datasheet(HTML) 4 Page - TRACO Electronic AG

  TML-20105C Datasheet HTML 1Page - TRACO Electronic AG TML-20105C Datasheet HTML 2Page - TRACO Electronic AG TML-20105C Datasheet HTML 3Page - TRACO Electronic AG TML-20105C Datasheet HTML 4Page - TRACO Electronic AG TML-20105C Datasheet HTML 5Page - TRACO Electronic AG  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
www.tracopower.com
Page 4 of 5
AC/DC Power Modules
TML Series
20 & 40 Watt
Outline Dimensions
TML 20 models
for PCB mount:
Weight: 110 g (3.9 oz)
Weight: 155 g (5.5 oz)
Pin diameter ø 1.0 mm (0.039)
Bottom view
3.75
62.0
69.5
(2.44)
(2.74)
(0.15)
1
2
21.7
8.0
(0.85)
(0.31)
3
4
5
6
7
8
6
5.0
86.0
96.0
(3.38)
(3.78)
(0.20)
4 x ø3.5
(4 x ø0.14)
1
2
3
5
4
8
7
Top view
TML 20C models
for chassis mount:
NC = Not connected
Dimensions in[mm], () = Inches
Tolerances = 0.5mm (0.020)
Tolerances = 1.0mm (0.039)
General Specifications
EMI / RFI conducted
EN 55032, class B, FCC part 15, level B
EMC compliance
EN 55024 & EN 55035
Protection class
class II to IEC/EN 60536
Safety standards
UL/cUL 60950-1, IEC/EN 60950-1
UL/cUL 62368-1, IEC/EN 62368-1
– Certification documents
www.tracopower.com/overview/tml
Casing material
plastic resin + fiberglass (UL 94V-0 rated)
Environmental compliance
– Reach
www.tracopower.com/products/reach-declaration.pdf
– RoHS
RoHS directive 2011/65/EU
Pinout / Connection
Pin/
con.
Single
output
Dual
output
Triple
output
1
NC
2
AC in (N)
3
AC in (L)
4
no pin / NC
no pin / NC
Vout 3
5
–Vout 1
Vout 2
com. 2/3
6
no pin
com. 1/2
Vout 2
7
+Vout 1
+Vout 1
–Vout 1
8
no pin
no pin
+Vout 1



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com