Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TSPC Datasheet(PDF) 3 Page - TRACO Electronic AG

Part # TSPC
Description  Industrial Power Supplies TSPC Series, 50–480 Watt
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRACOPOWER [TRACO Electronic AG]
Direct Link  http://www.tracopower.com
Logo TRACOPOWER - TRACO Electronic AG

TSPC Datasheet(HTML) 3 Page - TRACO Electronic AG

  TSPC Datasheet HTML 1Page - TRACO Electronic AG TSPC Datasheet HTML 2Page - TRACO Electronic AG TSPC Datasheet HTML 3Page - TRACO Electronic AG TSPC Datasheet HTML 4Page - TRACO Electronic AG TSPC Datasheet HTML 5Page - TRACO Electronic AG TSPC Datasheet HTML 6Page - TRACO Electronic AG TSPC Datasheet HTML 7Page - TRACO Electronic AG TSPC Datasheet HTML 8Page - TRACO Electronic AG TSPC Datasheet HTML 9Page - TRACO Electronic AG  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
www.tracopower.com
Page 3 of 9
Industrial Power Supplies
TSPC Series
50–480 Watt
General Specifications
Pollution degree
2
Altitude during operation
2‘000 m max.
Temperature coefficient
0.02 %/K
Reliability, calculated MTBF at +25°C acc. to IEC 61709
– TSPC 080
2.4 Mio. h
– TSPC 120
2.5 Mio. h
– TSPC 240
1.7 Mio. h
– TSPC 480
1.4 Mio. h
Isolation
according to IEC/EN 60950-1, UL 60950-1, UL 508
Safety standards
– Information technology equipment
IEC/EN 60950-1, UL 60950-1, CSA 22.2 No 60950-1-07
– Measurement, Control & Laboratory
IEC/EN 61010-1, IEC/EN 61010-2-201
– Industrial control equipment
UL 508, CSA-C22.2 No.107
– Electrical equipment for machines
EN 60204-1
– Electronic equipment for power installation
EN 50178
– Safety of transformers
EN 61558-2-6, EN 61558-2-16
– Control equipment for hazardous location
EN 60079-15 II3G EX nA IIC T4
– ATEX (for IP 54 enclosure)
certificate no. EPS 10 ATEX 1 269 X
– UL hazloc (TSPC 050-124HL only)
UL 121201 Class I; Div 2; Groups A,B,C & D; T4
– Certification documents
www.tracopower.com/overview/tspc
Class of protection
safety class I (IEC 536)
Degree of protection
IP 20 (IEC/EN 60529)
Electromagnetic compatibility (EMC), Emissions
EN 61000-6-3, EN 61204-3
– Conducted RI suppression on input
EN 55011 class B, EN 55022 class B,
– Radiated RI suppression
EN 55011 class B, EN 55022 class B,
Electromagnetic compatibility (EMC), Immunity
EN 61000-6-2, EN 61204-3
– Electrostatic discharge (ESD)
IEC/EN 61000-4-2
4 kV / 8 kV
criteria B
– Radiated RF field immunity
IEC/EN 61000-4-3
10 V / m
criteria A
– Electrical fast transient / burst immunity
IEC/EN 61000-4-4
2 kV
criteria B
– Surge immunity
IEC/EN 61000-4-5
1 kV / 2 kV
criteria B
– Immunity to conducted RF disturbances
IEC/EN 61000-4-6
10 V
criteria A
– Power frequency field immunity
IEC/EN 61000-4-8
30 A / m
criteria A
– Mains voltage dips and interruptions
IEC/EN 61000-4-11
criteria B/C
Environment
– Vibration acc. IEC 68-2-6;
3 axis, sine sweep, 10 – 55 Hz, 1 g, 1 oct/min
– Shock acc. IEC 60068-2-27
3 axis, 15 g half sine, 11 ms
Enclosure material
aluminium (chassis) / stainless steel (cover)
Mounting
– DIN-rail mounting
for DIN-rails as per EN 50022-35x15/7.5
(snap-on with self-locking spring)
– Wall mounting (option)
with wall mounting bracket - see page 12
Environmental compliance
– Reach
www.tracopower.com/info/reach-declaration.pdf
– RoHS
RoHS directive 2011/65/EU
Connection
– Input / Output
screw terminals
– Power Good signal (mating connector)
Phoenix contact MC 1,5/2-ST-3,5 (not included)
Installation instructions
www.tracopower.com/overview/tspc
Accessories (optional)
Decoupling module for redundant operation see:
www.tracopower.com/products/tspc-dcm.pdf
Wall mounting brackets: see last page



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com