Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS-25215F Datasheet(PDF) 5 Page - TRACO Electronic AG

Part # TMS-25215F
Description  TMS Series, 6to
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRACOPOWER [TRACO Electronic AG]
Direct Link  http://www.tracopower.com
Logo TRACOPOWER - TRACO Electronic AG

TMS-25215F Datasheet(HTML) 5 Page - TRACO Electronic AG

  TMS-25215F Datasheet HTML 1Page - TRACO Electronic AG TMS-25215F Datasheet HTML 2Page - TRACO Electronic AG TMS-25215F Datasheet HTML 3Page - TRACO Electronic AG TMS-25215F Datasheet HTML 4Page - TRACO Electronic AG TMS-25215F Datasheet HTML 5Page - TRACO Electronic AG TMS-25215F Datasheet HTML 6Page - TRACO Electronic AG  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
http://www.tracopower.com
Page 5 of 6
Outline Dimensions
AC/DC Power Modules
TMS Series
6 to 25 Watt
Chassis mounting with screw terminals
TMS 15-C Models
TMS 25-C Models
Input and output screw terminal block: GMKDS 1.5/3-7.62 (Phoenix)
Weight TMS 15-C: 105 g (3.7 oz)
TMS 25-C: 165 g (5.8 oz)
Pin
Single
Dual
1
–V out
–V out
2
No function
Common
3
+V out
+V out
4
AC in
AC in
5
AC in
AC in
6
FG
FG
Pin Out
FG = field ground
3.5 (0.14)
3.5 (0.14)
6 5
4
45 (1.77)
4.5 (0.18)
4.5 ( 0.18)
36 (1.42)
26.5 (1.04)
1 2 3
Top view
51 (2.01)
3.5 (0.14)
3.5 (0.14)
7.5 (0.3)
7.5 (0.3)
36 (1.42)
29.5 (1.16)
1 2
3
6
5 4
Top view
Input and output screw terminal block: GMKDS 1.5/3-7.62 (Phoenix)
Dimensions in[mm], () = Inches
Tolerances = 0.5mm (0.02)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com