Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74HC640PW Datasheet(PDF) 2 Page - NXP Semiconductors

Part # 74HC640PW
Description  Octal bus transceiver; 3-state; inverting
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74HC640PW Datasheet(HTML) 2 Page - NXP Semiconductors

  74HC640PW Datasheet HTML 1Page - NXP Semiconductors 74HC640PW Datasheet HTML 2Page - NXP Semiconductors 74HC640PW Datasheet HTML 3Page - NXP Semiconductors 74HC640PW Datasheet HTML 4Page - NXP Semiconductors 74HC640PW Datasheet HTML 5Page - NXP Semiconductors 74HC640PW Datasheet HTML 6Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
March 1988
2
Philips Semiconductors
Product specification
Octal bus transceiver; 3-state; inverting
74HC/HCT640
FEATURES
• Octal bidirectional bus interface
• Inverting 3-state outputs
• Output capability: bus driver
• ICC category: MSI
GENERAL DESCRIPTION
The 74HC/HCT640 are high-speed Si-gate CMOS devices
and are pin compatible with low power Schottky TTL
(LSTTL). They are specified in compliance with JEDEC
standard no. 7A.
The 74HC/HCT640 are octal transceivers featuring
inverting 3-state bus compatible outputs in both send and
receive directions.
The “640” features an output enable (OE) input for easy
cascading and a send/receive (DIR) for direction control.
OE controls the outputs so that the buses are effectively
isolated. The “640” is similar to the “245” but has inverting
outputs.
QUICK REFERENCE DATA
GND = 0 V; Tamb =25 °C; tr =tf =6ns
Notes
1. CPD is used to determine the dynamic power dissipation (PD in µW):
PD =CPD × VCC2 × fi + ∑ (CL × VCC2 × fo) where:
fi = input frequency in MHz
fo = output frequency in MHz
∑ (CL × VCC2 × fo) = sum of outputs
CL = output load capacitance in pF
VCC = supply voltage in V
2. For HC the condition is VI = GND to VCC
For HCT the condition is VI = GND to VCC − 1.5 V
ORDERING INFORMATION
See
“74HC/HCT/HCU/HCMOS Logic Package Information”.
SYMBOL
PARAMETER
CONDITIONS
TYPICAL
UNIT
HC
HCT
tPHL/ tPLH
propagation delay
An to Bn;
Bn to An
CL = 15 pF; VCC = 5 V
9
9
ns
CI
input capacitance
3.5
3.5
pF
CI/O
input/output capacitance
10
10
pF
CPD
power dissipation capacitance
per transceiver
notes 1 and 2
35
35
pF



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com