Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST Datasheet(PDF) 5 Page - Vishay Siliconix

Part # ST
Description  SuperTan® Wet Tantalum Capacitors With Hermetic Seal
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

ST Datasheet(HTML) 5 Page - Vishay Siliconix

  ST Datasheet HTML 1Page - Vishay Siliconix ST Datasheet HTML 2Page - Vishay Siliconix ST Datasheet HTML 3Page - Vishay Siliconix ST Datasheet HTML 4Page - Vishay Siliconix ST Datasheet HTML 5Page - Vishay Siliconix ST Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
ST
www.vishay.com
Vishay
Upgrade for High Shock and Vibration Performance With T16
Revision: 12-May-2022
5
Document Number: 43000
For technical questions, contact: tantalum@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
ENVIRONMENTAL CHARACTERISTICS
ITEM
CONDITION
COMMENTS
Seal
MIL-PRF-39006
When the capacitors are tested as specified in MIL-PRF-39006,
there shall be no evidence of leakage.
Moisture resistance
MIL-PRF-39006
Moisture resistance shall be in accordance with MIL-PRF-39006.
Number of cycles: 10 continuous cycles
Barometric pressure
(reduced)
MIL-STD-202, method 105, condition E
Altitude 150 000 feet
MECHANICAL CHARACTERISTICS
ITEM
CONDITION
COMMENTS
Shock (specified pulse)
MIL-STD-202, method 213, condition I
(100 g)
The capacitors shall meet the requirements of MIL-PRF-39006.
Vibration, high frequency
MIL-STD-202, method 204, condition D
(20 g peak)
The capacitors shall meet the requirements of MIL-PRF-39006.
Thermal shock
MIL-STD-202, method 107, condition A
Thermal shock shall be in accordance with MIL-PRF-39006 when
tested for 30 cycles.
Solderability
MIL-STD-202, method 208,
ANSI/J-STD-002, test A
Solderability shall be in accordance with MIL-PRF-39006.
Terminal strength
MIL-STD-202, method 211
Terminal strength shall be in accordance with MIL-PRF-39006.
Resistance to solder heat
MIL-STD-202, method 210, condition C
The capacitors shall meet the requirements of MIL-PRF-39006.
Terminals
MIL-STD-1276
Terminals shall be as specified in MIL-STD-1276. The length and
diameter of the terminals shall be as specified in Dimensions table.
All terminals shall be permanently secured internally and
externally, as applicable. All external joints shall be welded.
Marking
MIL-STD-1285
Marking of capacitors conforms to method I of MIL-STD-1285 and
include capacitance (in μF), capacitance tolerance letter, rated
voltage, date code, lot symbol and Vishay trademark.
SELECTOR GUIDES
Tantalum Selector Guide
www.vishay.com/doc?49054
Parameter Comparison Guide
www.vishay.com/doc?42088



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com