Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

274AX Datasheet(PDF) 2 Page - Hammond Manufacturing Ltd.

Part # 274AX
Description  High Voltage (Plate) & Filament - 32 VA to 454 VA
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMMOND [Hammond Manufacturing Ltd.]
Direct Link  http://www.hammondmfg.com
Logo HAMMOND - Hammond Manufacturing Ltd.

274AX Datasheet(HTML) 2 Page - Hammond Manufacturing Ltd.

  274AX Datasheet HTML 1Page - Hammond Manufacturing Ltd. 274AX Datasheet HTML 2Page - Hammond Manufacturing Ltd. 274AX Datasheet HTML 3Page - Hammond Manufacturing Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Data subject to change without notice
Vertical Mount ("X" mounting)
Part No.
VA
Primary
A.C. High Voltage
Filament #1
Filament #2
Filament#3
Dimensions
Mounting Slot
VAC
Hz.
Secondary R.M.S.
(VAC)
(VAC)
(VAC)
A
B
C
D
F
G
263AX
32
115
60
200V C.T. @ 115ma.
5V @ 2A
-
1.88 2.44 2.50 1.50 1.56 0.19
x
0.31
269AAX
66
117
60
200V C.T. @ 250ma.
6.3V C.T. @ 2.5A
2.50 2.75 3.06 2.00 1.69 0.20
x
0.38
263CX
116
115
60
360V C.T. @ 287ma.
5V C.T. @ 3A
-
2.50 3.75 3.06 2.00 2.69 0.20
x
0.38
269AX
40
115
60
250V C.T. @ 115ma.
6.3V @ 2A
-
2.19 2.50 2.63 1.75 1.44 0.19
x
0.25
269BX
38
115
60
300V C.T. @ 86ma.
6.3V @ 2A
-
2.19 2.50 2.63 1.75 1.44 0.19
x
0.25
269EX
43
115
60
380V C.T. @ 71ma.
6.3V @ 2.5A
-
2.19 2.63 2.63 1.75 1.56 0.19
x
0.25
269GX
48
115
60
450V C.T. @ 75ma.
6.3V @ 2.5A
-
2.19 2.63 2.63 1.75 1.56 0.19
x
0.25
269JX
50
115
60
500V C.T. @ 69ma.
6.3V @ 2.5A
-
2.19 2.63 2.63 1.75 1.56 0.19
x
0.25
270AX
42
115
60
480V C.T. @ 58ma.
6.3V @ 2.5A
-
2.19 2.50 2.63 1.75 1.44 0.19
x
0.25
270BX
53
115
60
550V C.T. @ 57.5ma.
5V @ 2A
6.3V @ 2A
2.50 2.75 3.06 2.00 1.69 0.20
x
0.38
270CAX
65
117
50/60
500V C.T. @ 81ma.
5V @ 2A
6.3V @ 2.5A
2.50 3.00 3.13 2.00 2.06 0.20
x
0.38
270CX
59
115
60
550V C.T. @ 75ma.
6.3V @ 0.6A
6.3V @ 2.5A
2.50 2.75 3.06 2.00 1.69 0.20
x
0.38
270DAX
76
117
50/60
520V C.T. @ 104ma.
6.3V @ 3.5A
-
2.50 3.00 3.13 2.00 2.19 0.20
x
0.38
270DX
83
115
60
550V C.T. @ 104ma.
5V @ 2A
6.3V @ 3A
2.50 3.00 3.06 2.00 1.94 0.20
x
0.38
270EX
118
115
60
550V C.T. @ 144ma.
5V @ 3A
6.3V @ 4A
2.50 3.75 3.06 2.00 2.69 0.20
x
0.38
270FX
138
115
60
550V C.T. @ 173ma.
5V @ 3A
6.3V C.T. @ 5A
3.13 3.50 3.81 2.50 2.19 0.20
x
0.38
270HX
176
115
60
550V C.T. @ 230ma.
5V C.T. @ 3A
6.3V C.T. @ 6A
3.13 4.00 3.81 2.50 2.69 0.20
x
0.38
270X
41
115
60
480V C.T. @ 46ma.
5V @ 2A
6.3V @ 1.5A
2.19 2.50 2.63 1.75 1.44 0.19
x
0.25
271X
63
115
60
560V C.T. @ 69ma.
5V @ 2A
6.3V C.T. @ 2A
2.50 2.75 3.06 2.00 1.69 0.20
x
0.38
272BX
95
115
60
600V C.T. @ 115ma.
5V @ 2A
6.3V @ 3A
2.50 3.25 3.06 2.00 2.19 0.20
x
0.38
272DX
123
115
60
600V C.T. @ 144ma.
5V @ 3A
6.3V @ 4A
2.50 3.75 3.06 2.00 2.69 0.20
x
0.38
272FX
146
115
60
600V C.T. @ 172ma.
5V C.T. @ 3A
6.3V C.T. @ 5A
3.13 3.50 3.81 2.50 2.19 0.20
x
0.38
272HX
186
115
60
600V C.T. @ 230ma.
5V C.T. @ 3A
6.3V C.T. @ 6A
3.13 4.00 3.81 2.50 2.69 0.20
x
0.38
272JX
236
115
60
600V C.T. @ 287ma.
5V C.T. @ 4A
6.3V C.T. @ 8A
3.75 4.00 4.56 3.00 2.81 0.20
x
0.38
272X
74
115
60
620V C.T. @ 80ma.
5V @ 2A
6.3V @ 2.4A
2.50 3.00 3.06 2.00 1.94 0.20
x
0.38
273BX
182
115
60
700V C.T. @ 201ma.
5V @ 3A
6.3V C.T. @ 5A
3.13 4.00 3.81 2.50 2.69 0.20
x
0.38
273DX
101
117
50/60
700V C.T. @ 103ma.
5V @ 2A
6.3V C.T. @ 3A
2.88 3.50 3.50 2.25 2.44 0.20
x
0.38
273X
120
115
60
700V C.T. @ 126ma.
5V @ 2A
6.3V C.T. @ 4A
2.50 3.75 3.06 2.00 2.69 0.20
x
0.38
274AX
137
117
50/60
720V C.T. @ 138ma.
5V @ 3A
6.3V C.T. @ 3.5A
3.13 3.50 3.88 2.50 2.38 0.20
x
0.38
274BX
198
115
60
750V C.T. @ 201ma.
5V C.T. @ 3A
6.3V C.T. @ 6A
3.13 4.00 3.81 2.50 2.69 0.20
x
0.38
274X
138
115
60
750V C.T. @ 126ma.
5V @ 3A
6.3V C.T. @ 5A
3.13 3.50 3.81 2.50 2.19 0.20
x
0.38
275X
167
115
60
800V C.T. @ 155ma.
5V C.T. @ 3A
6.3V C.T. @ 5A
3.13 3.75 3.81 2.50 2.44 0.20
x
0.38
276X
150
115
60
640V C.T. @ 172ma.
5V C.T. @ 3A
6.3V C.T. @ 5A
3.13 3.50 3.81 2.50 2.19 0.20
x
0.38
278CX
454
115
60
800V C.T. @ 535ma.
6.3V C.T. @ 6A
-
3.75 5.00 4.56 3.00 3.81 0.20
x
0.38
278X
229
115
60
800V C.T. @ 230ma.
5V C.T. @ 3A
6.3V C.T. @ 6A
3.13 4.00 3.81 2.50 2.69 0.20
x
0.38
279X
186
115
60
850V C.T. @ 172ma.
5V @ 3A
6.3V C.T. @ 5A
3.13 4.00 3.81 2.50 2.69 0.20
x
0.38
282X
273
115
60
1,000V C.T. @ 230ma.
5V C.T. @ 3A
6.3V C.T. @ 6A
3.75 4.50 4.56 3.00 3.31 0.20
x
0.38
284X
329 115/125
60
1200V C.T. @ 230ma.
5V @ 3A
6.3V @ 3A
6.3V @ 3A
3.75 4.50 4.56 3.00 3.31 0.20
x
0.38
Horizontal Mount ("Z" mounting)
Part No.
VA
Primary
A.C. High Voltage
Filament #1
Filament #2
Dimensions
VAC
Hz.
Secondary R.M.S.
(VAC)
(VAC)
A
B
C
D
F
G
H
J
270DAZ
76
117
60
520V C.T. @ 104ma.
6.3V @ 3.5A
-
2.25
2.88
3.25
1.88
2.38
1.25
3.38
2.81
290HBZ
84
120
60
620Vct @ 150ma
6.3Vct @ 2.25A
5V @ 4A
3.00
3.75
4.00
1.50
4.50
3.75
273AZ
49
117
50/60
650V C.T. @ 46ma.
5V @ 2A
6.3V @ 2A
2.00
2.50
2.50
1.75
2.00
1.06
3.00
2.50
273CZ
159
117
50/60
650V C.T. @ 172ma.
5V @ 3A
6.3V C.T. @ 5A
2.50
3.13
3.81
2.00
2.69
1.33
3.75
3.13
273DZ
101
117
50/60
700V C.T. @ 103ma.
5V @ 2A
6.3V C.T. @ 3A
2.25
2.81
3.63
1.75
2.25
1.50
3.38
2.81



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com