Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74HC7541 Datasheet(PDF) 6 Page - NXP Semiconductors

Part # 74HC7541
Description  Octal Schmitt trigger buffer/line driver; 3-state
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74HC7541 Datasheet(HTML) 6 Page - NXP Semiconductors

  74HC7541 Datasheet HTML 1Page - NXP Semiconductors 74HC7541 Datasheet HTML 2Page - NXP Semiconductors 74HC7541 Datasheet HTML 3Page - NXP Semiconductors 74HC7541 Datasheet HTML 4Page - NXP Semiconductors 74HC7541 Datasheet HTML 5Page - NXP Semiconductors 74HC7541 Datasheet HTML 6Page - NXP Semiconductors 74HC7541 Datasheet HTML 7Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
December 1990
6
Philips Semiconductors
Product specification
Octal Schmitt trigger buffer/line driver; 3-state
74HC/HCT7541
DC CHARACTERISTICS FOR 74HCT
For the DC characteristics see
“74HC/HCT/HCU/HCMOS Logic Family Specifications”.
Transfer characteristics are given below (not applicable for OEn inputs).
Output capability: bus driver
ICC category: MSI
Note to HCT types
The value of additional quiescent supply current (
∆ICC) for a unit load of 1 is given in the family specifications.
To determine
∆ICC per input, multiply this value by the unit load coefficient shown in the table below.
AC CHARACTERISTICS FOR 74HCT
GND = 0 V; tr =tf = 6 ns; CL = 50 pF
TRANSFER CHARACTERISTICS FOR 74HCT
Voltages are referred to GND (ground = 0 V)
INPUT
UNIT LOAD COEFFICIENT
OE1
OE2
An
1.30
1.30
0.20
SYMBOL
PARAMETER
Tamb (°C)
UNIT
TEST CONDITIONS
74HCT
VCC
(V)
WAVEFORMS
+25
−40 to +85 −40 to +125
min typ. max
min.
max
min.
max.
tPHL/ tPLH
propagation delay
An to Yn
19
32
40
48
ns
4.5
Fig.8
tPZH/ tPZL
3-state output enable time
OEn to Yn
18
32
40
48
ns
4.5
Fig.8
tPHZ/ tPLZ
3-state output disable time
OEn to Yn
20
32
40
48
ns
4.5
Fig.8
tTHL/ tTLH
output transition time
5
12
15
18
ns
4.5
Fig.8
SYMBOL
PARAMETER
Tamb (°C)
UNIT
TEST CONDITIONS
74HCT
VCC
(V)
WAVEFORMS
+25
−40 to +85 −40 to +125
min.
typ.
max. min.
max.
min.
max.
VT+
positive-going threshold
2.0
2.1
2.0
2.1
2.0
2.1
V
4.5
5.5
Figs 6 and 7
VT−
negative-going threshold
0.70
0.80
0.64
0.74
0.60
0.70
V
4.5
5.5
Figs 6 and 7
VH
hysteresis (VT+ − VT−)
0.17
0.17
0.23
0.23
V
4.5
5.5
Figs 6 and 7



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com