Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

980PR2C Datasheet(PDF) 4 Page - HB Electronic Components

Part # 980PR2C
Description  FLUX LED
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HB [HB Electronic Components]
Direct Link  http://www.hebeiltd.com.cn
Logo HB - HB Electronic Components

980PR2C Datasheet(HTML) 4 Page - HB Electronic Components

  980PR2C Datasheet HTML 1Page - HB Electronic Components 980PR2C Datasheet HTML 2Page - HB Electronic Components 980PR2C Datasheet HTML 3Page - HB Electronic Components 980PR2C Datasheet HTML 4Page - HB Electronic Components 980PR2C Datasheet HTML 5Page - HB Electronic Components 980PR2C Datasheet HTML 6Page - HB Electronic Components 980PR2C Datasheet HTML 7Page - HB Electronic Components 980PR2C Datasheet HTML 8Page - HB Electronic Components 980PR2C Datasheet HTML 9Page - HB Electronic Components  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
Page:
4
FLUX LED SPECIFICATION
Typical electrical/optical characteristic curves:
750
450
500
600
550
650
700
75
25
50
0
Wavelength λ(nm)
100
Ambient Temperature TA ()
℃
-30
-10
10
0
0.5
1.0
1.5
70
90
50
30
RADIANT INTENSITY Vs.
AMBIENT TEMPERATURE
2.0
2.5
80
Ambient Temperature TA ()
℃
40
0
020
20
40
60
80
60
100
40
IF-Forward Current (mA)
Forward Voltage(V)
020
FORWARD CURRENT
DERATING CURVE
100
2.8
2.0
0
2.4
20
40
60
3.2
0
0.5
1.0
1.5
60
80
100
RADIANT INTENSITY Vs.
FORWARD CURRENT
FORWARD CURRENT Vs
FORWARD VOLTAGE
80
100
2.0
2.5
1.6
1.2



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com