Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S30EB7C Datasheet(PDF) 2 Page - HB Electronic Components

Part # S30EB7C
Description  Highest Flux Blue
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HB [HB Electronic Components]
Direct Link  http://www.hebeiltd.com.cn
Logo HB - HB Electronic Components

S30EB7C Datasheet(HTML) 2 Page - HB Electronic Components

  S30EB7C Datasheet HTML 1Page - HB Electronic Components S30EB7C Datasheet HTML 2Page - HB Electronic Components S30EB7C Datasheet HTML 3Page - HB Electronic Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
HEAT SLUG
Page: 2
Part No. S30EB7C
Absolute maximum ratings ˜
˜
˜
˜Ta = 25 ¯
¯
¯
¯
Electrical and optical characteristics ˜
˜
˜
˜Ta = 25 ¯
¯
¯
¯
Value
Parameter
Symbol
Test Condition
Min.
Typ.
Max.
Unit
Forward Voltage
VF
IF = 350mA
----
3.5
4.0
V
Luminous Flux
v
IF = 350mA
5
8
10
l
m
Viewing Angle
2 '1/2
IF = 350mA
----
70
----
Deg.
Dominant Wavelength
‹ d
IF = 350mA
465
----
470
nm
Luminous Flux Bins ˜
˜
˜
˜Ta = 25 ¯
¯
¯
¯
Unit:lm
Bin
B
C
D
E
F
G
Min
5
10
15
20
25
30
Max
10
15
20
25
30
40
Dominant Wavelength- ‹‹‹‹ d ˜˜˜˜ Ta = 25 ¯
¯
¯
¯
Unit:
nm
Bin
F
G
H
I
J
Min
455
460
465
470
475
Max
460
465
470
475
480
Value
Parameter
Symbol
Test Condition
Min.
Max.
Unit
DC Forward Current
IF
----
----
350
mA
Peak Pulse Current
Ipeak
Duty=0.1mS ¨1kHz
----
500
mA
Power Dissipation
Pd
----
----
1.4
W
LED Junction Temperature
Tj
----
120
Operating Temperature
Topr
----
-25
+100
Storage Temperature
Tstr
----
-40
+120
ESD Sensitivity
---
HBM
8000
---
V
Soldering Temperature
---
-----
260
for 5 Seconds max



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com